Electronic Components Datasheet Search
  English  ▼

X  

AP432IAQL Datasheet(PDF) 14 Page - Anachip Corp

Part # AP432IAQL
Description  Adjustable Precision Shunt Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP432IAQL Datasheet(HTML) 14 Page - Anachip Corp

Back Button AP432IAQL Datasheet HTML 8Page - Anachip Corp AP432IAQL Datasheet HTML 9Page - Anachip Corp AP432IAQL Datasheet HTML 10Page - Anachip Corp AP432IAQL Datasheet HTML 11Page - Anachip Corp AP432IAQL Datasheet HTML 12Page - Anachip Corp AP432IAQL Datasheet HTML 13Page - Anachip Corp AP432IAQL Datasheet HTML 14Page - Anachip Corp AP432IAQL Datasheet HTML 15Page - Anachip Corp AP432IAQL Datasheet HTML 16Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Adjustable Precision Shunt Regulator
AP432/AP432A
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
14/16
30 ±1mm
90 ±1mm
76 ±1mm
360 ±2mm
45mm
53 ±2mm
E
330mm
40mm
205mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com