Electronic Components Datasheet Search
  English  ▼

X  

MTV004 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MTV004
Description  On-Screen Display Shrink Version
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTV004 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MTV004 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV004 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV004 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV004 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV004 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV004 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV004 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV004 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV004 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MYSON
TECHNOLOGY
MTV004
MTV004 Revision 4.0 06/24/1999
2/9
1.0 CONNECTION DIAGRAM
(16 pins PDIP 300 mil PACKAGE)
VSSA
VCO
RP
VDDA
HFLB
SSB
SDA
SCK
MTV004
VSS
ROUT
GOUT
BOUT
FBKG
HTONE
VFLB
VDD
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
2.0 PIN DESCRIPTIONS
Name
I/O
Pin#
Function
VSSA
-
1
Analog Ground.
VCO
I/O
2
Voltage Control Oscillator. This pin is used to control the internal oscillator
frequency by DC voltage input from an external low pass filter.
RP
I/O
3
Bias Resistor. The bias resistor is used to regulate the bias current for the
internal oscillator to resonate at the specific dot frequency.
VDDA
-
4
Analog Power Supply. Positive 5 V DC supply for internal analog circuitry.
A 0.1uF decoupling capacitor should be connected across to VDDA and
VSSA as close to the device as possible.
HFLB
I
5
Horizontal Input. This pin is used to input the horizontal synchronizing
signal. It is triggered by a negative edge and has an internal pull-up resistor.
SSB
I
6
Serial Interface Enable. Used to enable the serial data and to select I2C or
SPI bus operation. If this pin is left floating, the I2C bus is enabled, otherwise
the SPI bus is enabled.
SDA
I
7
Serial Data Input. The external data transfers through this pin to the internal
display and control registers. It has an internal pull-up resistor.
SCK
I
8
Serial Clock Input. Clock input pin used to synchronize transferring of data.
It has an internal pull-up resistor.
VDD
-
9
Digital Power Supply. Positive 5 V DC supply for internal digital circuitry. A
0.1uF decoupling capacitor should be connected across to VDD and VSS as
close to the device as possible.
VFLB
I
10
Vertical Input. This pin is used to input the vertical synchronizing signal. It is
negatively triggered and has an internal pull-up resistor.
HTONE
O
11
Half Tone Output. This pin is used to attenuate external R,G,B amplifiers
for a transparent windowing effect.
FBKG
O
12
Fast Blanking Output. Used to cut off external R,G,B signals while
the chip is displaying characters or windows.
BOUT
O
13
Blue Color Output. Blue color video signal output.
GOUT
O
14
Green Color Output. Green color video signal output.
ROUT
O
15
Red Color Output. Red color video signal output.
VSS
-
16
Digital Ground.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com