Electronic Components Datasheet Search
  English  ▼

X  

CA723CT Datasheet(PDF) 2 Page - Harris Corporation

Part # CA723CT
Description  Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA723CT Datasheet(HTML) 2 Page - Harris Corporation

  CA723CT Datasheet HTML 1Page - Harris Corporation CA723CT Datasheet HTML 2Page - Harris Corporation CA723CT Datasheet HTML 3Page - Harris Corporation CA723CT Datasheet HTML 4Page - Harris Corporation CA723CT Datasheet HTML 5Page - Harris Corporation CA723CT Datasheet HTML 6Page - Harris Corporation CA723CT Datasheet HTML 7Page - Harris Corporation CA723CT Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
7-4
Specifications CA723, CA723C
Absolute Maximum Ratings
Operating Conditions
DC Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
(Between V+ and V- Terminals)
Pulse Voltage for 50ms
Pulse Width (Between V+ and V- Terminals) . . . . . . . . . . . . . 50V
Differential Input-Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . 40V
Differential Input Voltage
Between Inverting and Noninverting Inputs
. . . . . . . . . . . . . . . . ±5V
Between Noninverting Input and V- . . . . . . . . . . . . . . . . . . . . . 8V
Current From Zener Diode Terminal (VZ) . . . . . . . . . . . . . . . . . 25mA
Thermal Resistance
θ
JA
θ
JC
Plastic DIP Package . . . . . . . . . . . . . . . . 120oC/W
-
Metal Can . . . . . . . . . . . . . . . . . . . . . . . . 136oC/W
65oC/W
Device Dissipation
CA723T, CA723CT, Up to TA = +25
oC. . . . . . . . . . . . . . . . 900mW
CA723E, CA723CE, Up to TA = +25
oC . . . . . . . . . . . . . . 1000mW
CA723T, CA723CT, Above TA = +25
oC. . . . . . . . . . . . . 7.4mW/oC
CA723E, CA723CE, Above TA = +25
oC . . . . . . . . . . . . 8.3mW/oC
Ambient Temperature Range
Operating Temperature Range . . . . . . . . . . . . . . -55oC to +125oC
Storage Temperature Range . . . . . . . . . . . . . . . . -65oC to +150oC
Lead Temperature, During Soldering . . . . . . . . . . . . . . . . . . +265oC
At a distance 1/16”
± 1/32” (1.59mm ± 0.79mm) from case for 10s
max
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
TA = +25
oC, V+ = V
C = VI = 12V, V- = 0, VO = 5V, IL = 1mA, C1 = 100pF, CREF = 0, RSCP = 0,
Unless Otherwise Specified. Divider impedance R1 R2 ÷ R1 + R2 at noninverting input, Terminal 5 =
10k
Ω. (Figure 20)
PARAMETERS
TEST CONDITION
CA723
CA723C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
DC CHARACTERISTICS
Quiescent Regulator Current, IQ
IL = 0, VI = 30V
-
2.3
3.5
-
2.3
4
mA
Input Voltage Range, VI
9.5
-
40
9.5
-
40
V
Output Voltage Range, VO
2
-
37
2
-
37
V
Differential Input-Output Voltage, VI - VO
3
-
38
3
-
38
V
Reference Voltage, VREF
6.95
7.15
7.35
6.8
7.15
7.5
V
Line Regulation (Note 1)
VI = 12V to 40V
-
0.02
0.2
-
0.1
0.5
% VO
VI = 12V to 15V
-
0.01
0.1
-
0.01
0.1
% VO
VI = 12V to 15V,
TA = -55
oC to +125oC
-
-
0.3
-
-
-
% VO
VI = 12V to 15V,
TA = 0
oC to +70oC
-----
0.3
% VO
Load Regulation (Note 1)
IL = 1mA to 50mA
-
0.03
0.15
-
0.03
0.2
% VO
IL = 1mA to 50mA,
TA = -55
oC to +125oC
-
-
0.6
-
-
-
% VO
IL = 1mA to 50mA,
TA = 0
oC to +70oC
-----
0.6
% VO
Output-Voltage Temperature Coeffi-
cient,
∆V
O
TA = -55
oC to +125oC
-
0.002
0.015
-
-
-
%/oC
TA = 0
oC to +70oC
----
0.003
0.015
%/oC
Ripple Rejection (Note 2)
f = 50Hz to 10kHz
-
74
-
-
74
-
dB
f = 50Hz to 10kHz,
CREF = 5µF
-86-
-86-
dB
Short Circuit Limiting Current, ILIM
RSCP = 10Ω, VO = 0
-
65
-
-
65
-
mA
Equivalent Noise RMS Output Voltage,
VN (Note 2)
BW = 100Hz to 10kHz,
CREF = 0
-
-20
-
-
20
-
µV
BW = 100Hz to 10kHz,
CREF = 5µF
-
2.5
-
-
2.5
-
µV
NOTES:
1. Line and load regulation specifications are given for condition of a constant chip temperature. For high dissipation condition, temperature
drifts must be separately taken into account.
2. For CREF (See Figure 20)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com