Electronic Components Datasheet Search
  English  ▼

X  

89601BU Datasheet(PDF) 21 Page - Keysight Technologies

Part # 89601BU
Description  89600 VSA Software
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

89601BU Datasheet(HTML) 21 Page - Keysight Technologies

Back Button 89601BU Datasheet HTML 15Page - Keysight Technologies 89601BU Datasheet HTML 16Page - Keysight Technologies 89601BU Datasheet HTML 17Page - Keysight Technologies 89601BU Datasheet HTML 18Page - Keysight Technologies 89601BU Datasheet HTML 19Page - Keysight Technologies 89601BU Datasheet HTML 20Page - Keysight Technologies 89601BU Datasheet HTML 21Page - Keysight Technologies 89601BU Datasheet HTML 22Page - Keysight Technologies 89601BU Datasheet HTML 23Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21 | Keysight | 89601B/BN-200 Basic Vector Signal Analysis, 89601B/BN-300 Hardware Connectivity, 89600 VSA Software - Technical Overview
1. Depending on model/option.
2. On QPSK signal; full scale signal, fully contained in the measurement span; random data sequence; start frequency ≥ 15 % of span; alpha/BT ≥ 0.3; symbol
rate ≥ 1 kHz; averaging = 10; Requires Option AYA. Data provided for comparison purposes only.
3. Digitizer only mode
4. Measurement made with a 256QAM signal and a 160 MHz analysis bandwidth (802.11ac).
Description
Models
supported
Input
channels
Baseband
(I/Q)
MIMO
Analysis
Bandwidth1
Frequency
Range1
EVM
Performance1, 2
Applications
InfiniiVision
oscilloscopes
601x, 603x, 703x,
605x, 705x, 610x,
701x, 710x, 6014,
6054, 6104, 305x,
303x, 3024, 3014,
3012, 310x, 4154,
4104, 405x,
403x, 402x
1, 2, 3, 4
depending on
model and
options
Yes, for all
2-channel
scopes;
dual I+jQ
with
4-channel
models
Up to
4×4
Up to 1 GHz
Up to
1.5 GHz
Not available
Wide bandwidth;
baseband; eco-
nomic baseband
MIMO analysis
Logic analyzer
16800/16900; RDX 1-4 channel
analysis
No
No
Up to
1.5 GHz
Up to
1.5 GHz
Not applicable
Digital bus and
FPGA analysis,
all apps
N7109A
Multi-channel
signal analyzer
N7109A
2, 4 or 8
(con-
figuration
dependent)
No
Up to 8×8
40 MHz
6 GHz
(Independently
tunable)
–42 to –45 dB
Modular, cost
effective, fast,
high-perf MIMO,
LTE Beamform-
ing, LTE Adv
multi-band car-
rier aggregation
PXI vector
signal analyzers
M9393A
Up to 4 per
chassis
No
Up to 4x4
Up to 160 MHz
9 kHz to
27 GHz
Not available
Modular, high
performance,
fast, MIMO
M9392A
Up to 4 per
chassis
No
Up to 4x4
Up to 250 MHz
(up to 800 MHz)3
50 MHz to
26.5 GHz
Not available
Modular, wide
bandwidth, fast,
MIMO
M9391A
Up to 4 per
chassis
No
Up to 4x4
Up to 160 MHz
1 MHz to
6 GHz
–42 dB to
–47.5 dB
(nominal)4
Modular, wide
bandwidth, fast,
MIMO
AXIe high
speed digitizer
M9703A
8
Yes
Up to 8x8
1 GHz
DC to 1.6 GHz
–44 dB and
–47 dB
(nominal)4
Multi-channel,
wide bandwidth,
baseband, multi-
antenna, MIMO
PCIe high speed
digitizer
U5303A
8
Yes
Up to 8x8
1 GHz
DC to 1.6 GHz
Not available
Multi-channel,
wide bandwidth,
baseband, multi-
antenna, MIMO
RF sensor
N6841A
1
No
No
Up to 20 MHz
20 MHz to
6 GHz
Not available
Outdoor
weatherproof,
cost effective



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com