Electronic Components Datasheet Search
  English  ▼

X  

HDF3195MS3 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF3195MS3
Description  Absolute Maximum Ratings
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF3195MS3 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF3195MS3 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF3195MS3 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF3195MS3 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF3195MS3 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF3195MS3 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF3195MS3 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF3195MS3 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF3195MS3 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SAW FILTER
HDF319.5M
S3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 8
2.2
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typical
Max
Units
Absolute frequency
Fc
1.2
319.42
319.500
319.58
MHz
Center
frequenc
y
Tolerance from nominal
Δfc
±80
KHz
Insertion Loss
IL
1
3.0
4.5
dB
3dB Bandwidth
BW3
1.2
500
600
800
KHz
Passband Ripple (Fc±300 KHz)
0.5
1.0
dB
At fo-21.4MHz (Image)
40
50
dB
At fo-10.7 MHz (LO)
16
40
dB
Rejecti
on
Ultimate
1
80
dB
Operating case temp.
Tc
-40
+85
℃
Turnover temp.
To
25
40
55
℃
Turnover Frequency
fo
fc
MHz
Temperature
characteristic
s
Fre.temp.coefficent
FTC
3.4
0.032
ppm/
℃
Frequency aging
5
<±10
ppm/y
Note:
1. Typical test circuit is shown as below.
2. Passband and reject bands are specified in reference to fc.
3. The turnover temperature, To, is the temperature at the maximum frequency, Fo.
4. The nominal frequency at any case temperature, Tc, inside the operating temperature range may
be calculated from:f=fo[1-FTC(To-Tc)
2].
5.Typical aging is for 10 years.
3.Matching network to 50Ω (element values depend on pcb layout and equivalent circuit)
Cp5=Cp6=15pF, Ls1=Ls4=8.2nH*, Ls2=Ls3=56nH*,
Ls1234=6 turns of 0.51mm insulated Copper,2.5mm ID.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com