Electronic Components Datasheet Search
  English  ▼

X  

NUD3124 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NUD3124
Description  Automotive Inductive Load Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUD3124 Datasheet(HTML) 4 Page - ON Semiconductor

  NUD3124 Datasheet HTML 1Page - ON Semiconductor NUD3124 Datasheet HTML 2Page - ON Semiconductor NUD3124 Datasheet HTML 3Page - ON Semiconductor NUD3124 Datasheet HTML 4Page - ON Semiconductor NUD3124 Datasheet HTML 5Page - ON Semiconductor NUD3124 Datasheet HTML 6Page - ON Semiconductor NUD3124 Datasheet HTML 7Page - ON Semiconductor NUD3124 Datasheet HTML 8Page - ON Semiconductor NUD3124 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NUD3124
http://onsemi.com
4
TYPICAL PERFORMANCE CURVES
(TJ = 25°C unless otherwise noted)
Figure 1. Switching Waveforms
Load Dump Pulse Not Suppressed:
VR = 13.5 V Nominal ±10%
VS = 60 V Nominal ±10%
T = 300 ms Nominal
±10%
TR = 1 − 10 ms ±10%
Load Dump Pulse Suppressed:
NOTE: Max. Voltage DUT is exposed to is
NOTE: approximately 45 V.
VS = 30 V ±20%
T = 150 ms
±20%
Figure 2. Maximum Non−repetitive Surge
Power versus Pulse Width
PW, PULSE WIDTH (ms)
100
10
1
0
5
10
15
20
25
Figure 3. Load Dump Waveform Definition
VS
TR
90%
10%
T
VR, IR
10% of Peak;
Reference = VR, IR
Vout
Vin
0 V
VOH
VIH
tr
tf
tPLH
tPHL
50%
90%
50%
10%
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com