Electronic Components Datasheet Search
  English  ▼

X  

TC1793 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TC1793
Description  32-Bit Single-Chip Microcontroller
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1793 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TC1793 Datasheet HTML 5Page - Infineon Technologies AG TC1793 Datasheet HTML 6Page - Infineon Technologies AG TC1793 Datasheet HTML 7Page - Infineon Technologies AG TC1793 Datasheet HTML 8Page - Infineon Technologies AG TC1793 Datasheet HTML 9Page - Infineon Technologies AG TC1793 Datasheet HTML 10Page - Infineon Technologies AG TC1793 Datasheet HTML 11Page - Infineon Technologies AG TC1793 Datasheet HTML 12Page - Infineon Technologies AG TC1793 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 189 page
background image
TC1793
Summary of Features
Data Sheet
2
V 1.2, 2014-05
– One External Bus Interface (EBU) supporting different memories: asynchronous
memories e.g. SRAM, peripheral devices; synchronous devices e.g. burst NOR
flash, PSRAM; and DDR NOR flash e.g. LPDDR-NVM (Jedec 42.2), ONFI 2.0
(limited frequency at 1.8 V I/O supply)
– One MultiCAN Module with 4 CAN nodes and 128 free assignable message
objects for high efficiency data handling via FIFO buffering and gateway data
transfer (one CAN node supports TTCAN functionality)
– One FlexRayTM module with 2 channels (E-Ray).
– Two General Purpose Timer Array Modules (GPTA) with additional Local Timer
Cell Array (LTCA2) providing a powerful set of digital signal filtering and timer
functionality to realize autonomous and complex Input/Output management
– Two Capture / Compare 6 modules
– Two General Purpose 12 Timer Units (GPT120 and GPT121)
•
44 analog input lines for ADC
– 4 independent kernels (ADC0, ADC1, and ADC2)
– Analog supply voltage range from 3.3 V to 5 V (single supply)
•
4 different FADC input channels
– channels with impedance control and overlaid with ADC1 inputs
– Extreme fast conversion, 21 cycles of fFADC clock
– 10-bit A/D conversion (higher resolution can be achieved by averaging of
consecutive conversions in digital data reduction filter)
•
8 digital input lines for SENT
– communication according to the SENT specification J2716 FEB2008
•
221 digital general purpose I/O lines (GPIO)
•
Digital I/O ports with 3.3 V capability
•
On-chip debug support for OCDS Level 1 (CPU, PCP, DMA, On Chip Buses)
•
Dedicated Emulation Device chip available (TC1793ED)
– multi-core debugging, real time tracing, and calibration
– four/five wire JTAG (IEEE 1149.1) or two wire DAP (Device Access Port) interface
•
Power Management System
•
Clock Generation Unit with PLL and PLL_ERAY
•
Flexible CRC Engine (FCE)
– IEEE 802.3 CRC32 ethernet polynomial: 0x82608EDB (CRC kernel 0)
– CRC32C Castagnoli: 0xD419CC15 (CRC kernel 1)
The
SAK-TC1793F-512F200EB
/ SAK-TC1793F-512F200EF
has
the
following
features:
•
High-performance 32-bit super-scalar TriCore V1.6 CPU with 6-stage pipeline
– Superior real-time performance
– Strong bit handling
– Fully integrated DSP capabilities
– Multiply-accumulate unit able to sustain 2 MAC operations per cycle
– Fully pipelined Floating point unit (FPU)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com