Electronic Components Datasheet Search
  English  ▼

X  

PA04A Datasheet(PDF) 2 Page - Cirrus Logic

Part # PA04A
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA04A Datasheet(HTML) 2 Page - Cirrus Logic

  PA04A Datasheet HTML 1Page - Cirrus Logic PA04A Datasheet HTML 2Page - Cirrus Logic PA04A Datasheet HTML 3Page - Cirrus Logic PA04A Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
SUPPLY VOLTAGE, +V
S to –VS
200V
BOOST VOLTAGE
SUPPLY VOLTAGE +20V
OUTPUT CURRENT, within SOA
20A
POWER DISSIPATION, internal
200W
INPUT VOLTAGE, differential
±20V
INPUT VOLTAGE, common mode
±V
S
TEMPERATURE, pin solder - 10s
300
°C
TEMPERATURE, junction2
150
°C
TEMPERATURE, storage
–65 to +150
°C
OPERATING TEMPERATURE RANGE, case –55 to +125
°C
PA04 • PA04A
SPECIFICATIONS
PARAMETER
TEST CONDITIONS 1
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
5
10
2
5
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
30
50
10
30
µV/°C
OFFSET VOLTAGE, vs. supply
15
*
µV/V
OFFSET VOLTAGE, vs. power
Full temperature range
30
10
µV/W
BIAS CURRENT, initial
10
50
5
20
pA
BIAS CURRENT, vs. supply
.01
*
pA/V
OFFSET CURRENT, initial
10
50
5
20
pA
INPUT IMPEDANCE, DC
1011
*
Ω
INPUT CAPACITANCE
13
*
pF
COMMON MODE VOLTAGE RANGE
Full temperature range
±V
B-8
*
V
COMMON MODE REJECTION, DC
Full temp. range, V
CM = ±20V
86
98
*
*
dB
INPUT NOISE
100kHz BW, R
S = 1KΩ
10
*
µVrms
GAIN
OPEN LOOP, @ 15Hz
Full temperature range, C
C = 100pF
94
102
*
*
dB
GAIN BANDWIDTH PRODUCT
I
O = 10A
2
*
MHz
POWER BANDWIDTH
R
L = 4.5Ω, VO = 180V p-p
90
*
kHz
C
C = 100pF, RC = 120Ω
PHASE MARGIN
Full temperature range
60
*
°
OUTPUT
VOLTAGE SWING
I
O = 15A
±V
S-8.8
±V
S-7.5
*
*
V
VOLTAGE SWING
V
BOOST = Vs + 5V, IO = 20A
±V
S-6.8
±V
S-5.5
*
*
V
CURRENT, peak
20
*
A
SETTLING TIME to .1%
A
V = 1, 10V step, RL = 4Ω
2.5
*
µs
SLEW RATE
A
V = 10, CC = 100pF, RC = 120Ω
40
50
*
V/
µs
CAPACITIVE LOAD
Full temperature range, A
V = +1
10
*
nF
RESISTANCE
2*
Ω
POWER SUPPLY
VOLTAGE
Full temperature range
±15
±75
±100
*
*
*
V
CURRENT, quiescent, boost supply
30
40
*
*
mA
CURRENT, quiescent, total
70
90
*
*
mA
CURRENT, quiescent, total, sleep mode Full temperature range
3
5
*
*
mA
THERMAL
RESISTANCE, AC, junction to case3
Full temperature range, F>60Hz
.3
.4
*
*
°C/W
RESISTANCE, DC, junction to case
Full temperature range, F<60Hz
.5
.6
*
*
°C/W
RESISTANCE4, junction to air
Full temperature range
12
*
°C/W
TEMPERATURE RANGE, case
Meets full range specification
–25
85
*
*
°C
PA04A
PA04
NOTES:
*
The specification of PA04A is identical to the specification for PA04 in applicable column to the left.
1.
Unless otherwise noted: T
C = 25°C, CC = 470pF, RC = 120 ohms. DC input specifications are ± value given. Power supply
voltage is typical rating.
±V
BOOST = ±VS.
2.
Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation
to achieve high MTTF. For guidance, refer to the heatsink data sheet.
3.
Rating applies if the output current alternates between both output transistors at a rate faster than 60 Hz.
4.
The PA04 must be used with a heatsink or the quiescent power may drive the unit to junction temperatures higher than 150
°C.
The PA04 is constructed from MOSFET transistors. ESD handling procedures must be observed.
The internal substrate contains beryllia (BeO). Do not break the seal. If accidentally broken, do not crush, machine, or
subject to temperatures in excess of 850
°C to avoid generating toxic fumes.
CAUTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com