Electronic Components Datasheet Search
  English  ▼

X  

DS2156LN Datasheet(PDF) 39 Page - Dallas Semiconductor

Part # DS2156LN
Description  T1/E1/J1 Single-Chip Transceiver TDM/UTOPIA II Interface
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2156LN Datasheet(HTML) 39 Page - Dallas Semiconductor

Back Button DS2156LN Datasheet HTML 35Page - Dallas Semiconductor DS2156LN Datasheet HTML 36Page - Dallas Semiconductor DS2156LN Datasheet HTML 37Page - Dallas Semiconductor DS2156LN Datasheet HTML 38Page - Dallas Semiconductor DS2156LN Datasheet HTML 39Page - Dallas Semiconductor DS2156LN Datasheet HTML 40Page - Dallas Semiconductor DS2156LN Datasheet HTML 41Page - Dallas Semiconductor DS2156LN Datasheet HTML 42Page - Dallas Semiconductor DS2156LN Datasheet HTML 43Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 262 page
background image
DS2156
39 of 262
ADDRESS
xxh
R/W
REGISTER NAME
SYMBOL
PAGE
25
R/W
Interrupt Mask Register 8
IMR8
118
26
R/W
Status Register 9
SR9
204
27
R/W
Interrupt Mask Register 9
IMR9
205
28
R/W
Per-Channel Pointer Register
PCPR
45
29
W
Per-Channel Data Register 1
PCDR1
46
2A
W
Per-Channel Data Register 2
PCDR2
46
2B
W
Per-Channel Data Register 3
PCDR3
46
2C
W
Per-Channel Data Register 4
PCDR4
46
2D
R/W
Information Register 4
INFO4
143
2E
R
Information Register 5
INFO5
143
2F
R
Information Register 6
INFO6
143
30
R
Information Register 7
INFO7
66
31
R/W
HDLC #1 Receive Control
H1RC
135
32
R/W
HDLC #2 Receive Control
H2RC
135
33
R/W
E1 Receive Control Register 1
E1RCR1
61
34
R/W
E1 Receive Control Register 2
E1RCR2
62
35
R/W
E1 Transmit Control Register 1
E1TCR1
63
36
R/W
E1 Transmit Control Register 2
E1TCR2
64
37
R/W
BOC Control Register
BOCC
117
38
R/W
Receive Signaling Change-of-State Information 1
RSINFO1
94
39
R/W
Receive Signaling Change-of-State Information 2
RSINFO2
94
3A
R/W
Receive Signaling Change-of-State Information 3
RSINFO3
94
3B
R/W
Receive Signaling Change-of-State Information 4
RSINFO4
94
3C
R/W
Receive Signaling Change-of-State Interrupt Enable 1
RSCSE1
94
3D
R/W
Receive Signaling Change-of-State Interrupt Enable 2
RSCSE2
94
3E
R/W
Receive Signaling Change-of-State Interrupt Enable 3
RSCSE3
94
3F
R/W
Receive Signaling Change-of-State Interrupt Enable 4
RSCSE4
94
40
R/W
Signaling Control Register
SIGCR
91
41
R/W
Error Count Configuration Register
ERCNT
81
42
R
Line-Code Violation Count Register 1
LCVCR1
83
43
R
Line-Code Violation Count Register 2
LCVCR2
83
44
R
Path Code Violation Count Register 1
PCVCR1
84
45
R
Path Code Violation Count Register 2
PCVCR2
84
46
R
Frames Out-of-Sync Count Register 1
FOSCR1
85
47
R
Frames Out-of-Sync Count Register 2
FOSCR2
85
48
R
E-Bit Count Register 1
EBCR1
86
49
R
E-Bit Count Register 2
EBCR2
86
4A
R/W
Loopback Control Register
LBCR
77
4B
R/W
Per-Channel Loopback Enable Register 1
PCLR1
79
4C
R/W
Per-Channel Loopback Enable Register 2
PCLR2
79
4D
R/W
Per-Channel Loopback Enable Register 3
PCLR3
80
4E
R/W
Per-Channel Loopback Enable Register 4
PCLR4
80
4F
R/W
Elastic Store Control Register
ESCR
111
50
R/W
Transmit Signaling Register 1
TS1
97
51
R/W
Transmit Signaling Register 2
TS2
97
52
R/W
Transmit Signaling Register 3
TS3
97
53
R/W
Transmit Signaling Register 4
TS4
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com