Electronic Components Datasheet Search
  English  ▼

X  

PI5A127UX Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5A127UX
Description  Dual, Wide Bandwidth Analog Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A127UX Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5A127UX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A127UX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A127UX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A127UX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A127UX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A127UX Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PS8328C
01/12/01
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A126/PI5A127
Dual,Wide Bandwidth Analog Switch
Electrical Specifications - Single +5V Supply (continued)
(V+ = + 5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V)
Notes:
1.
The algebraic convention, where the most negative value is a minimum and the most positive is a maximum, is used in
this data sheet.
2.
Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing.
3.
Guaranteed by design
4.
∆RON= RONmax - RONmin.
5.
Flatness is defined as the difference between the maximum and minimum value of ON-resistance measured.
6.
Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25ºC.
7.
Off Isolation = 20log10 [ VCOM / (VNO or VNC) ]. See Figure 3.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cp
m
e
T
)
C
º
(
.
n
i
M
)
1
(
.
p
y
T
)
2
(
.
x
a
M
)
1
(
s
t
i
n
U
t
u
p
n
I
c
i
g
o
L
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV H
I
l
e
v
e
L
h
g
i
H
c
i
g
o
l
d
e
e
t
n
a
r
a
u
G
l
l
u
F
2
V
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV L
I
l
e
v
e
L
w
o
L
c
i
g
o
l
d
e
e
t
n
a
r
a
u
G8
.
0
h
g
i
H
e
g
a
t
l
o
V
h
t
i
w
t
n
e
r
r
u
C
t
u
p
n
II H
N
I
V N
I
,
V
4
.
2
=s
r
e
h
t
o
l
l
aV
8
.
0
=1
–5
0
0
.
01
w
o
L
e
g
a
t
l
o
V
h
t
i
w
t
n
e
r
r
u
C
t
u
p
n
II L
N
I
V N
I
,
V
8
.
0
=s
r
e
h
t
o
l
l
aV
4
.
2
=1
–5
0
0
.
01
c
i
m
a
n
y
D
e
m
i
T
n
O
-
n
r
u
Tt N
O
V C
C
1
e
r
u
g
i
F
,
V
5
=
5
27
5
1
s
n
l
l
u
F0
2
e
m
i
T
f
f
O
-
n
r
u
Tt
F
F
O
5
21
7
l
l
u
F0
1
n
o
i
t
c
e
j
n
I
e
g
r
a
h
C
)
3
(
Q
CL
1
=n
,
V
0
=
n
e
g
V
,
F
0
=
n
e
g
R
Ω,e
r
u
g
i
F2
5
2
6
.
10
1C
p
n
o
i
t
a
l
o
s
I
f
f
OR
R
I
O
RL
0
5
=
Ω C
,
L
5
=p ,
F
f=
3
e
r
u
g
i
F
,
z
H
M
0
1
3
4
–
B
d
k
l
a
t
s
s
o
r
CX k
l
a
t
RL
0
5
=
Ω C
,
L
5
=p ,
F
f=
4
e
r
u
g
i
F
,
z
H
M
0
1
3
4
–
e
c
n
a
t
i
c
a
p
a
C
O
N
r
o
C
NC
)
f
f
o
(
f=
5
e
r
u
g
i
F
,
z
H
k
1
5
.
5
F
p
e
c
n
a
t
i
c
a
p
a
C
f
f
O
M
O
CC
)
f
f
o
(
m
o
c5
.
5
e
c
n
a
t
i
c
a
p
a
C
n
O
M
O
CC
)
n
o
(
m
o
cf =
6
e
r
u
g
i
F
,
z
H
k
13
1
h
t
d
i
w
d
n
a
B
B
d
3
-W
BRL
0
5
=
Ω F
,e
r
u
g
i7
l
l
u
F
6
2
3z
H
M
n
o
i
t
r
o
t
s
i
DD
RL =0
12
.
0%
y
l
p
p
u
S
e
g
n
a
R
y
l
p
p
u
S
-
r
e
w
o
P+
V
l
l
u
F
26
V
t
n
e
r
r
u
C
y
l
p
p
u
S
e
v
t
i
s
o
P+
I
V+
V
,
V
5
.
5
=
N
I
=V
0
V
r
o
C
C ,+
V
f
f
o
r
o
n
o
s
l
e
n
n
a
h
C
l
l
A
1A
µ



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com