Electronic Components Datasheet Search
  English  ▼

X  

BU2050F Datasheet(PDF) 7 Page - Rohm

Part # BU2050F
Description  4-input Serial-in / Parallel-out Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2050F Datasheet(HTML) 7 Page - Rohm

Back Button BU2050F Datasheet HTML 3Page - Rohm BU2050F Datasheet HTML 4Page - Rohm BU2050F Datasheet HTML 5Page - Rohm BU2050F Datasheet HTML 6Page - Rohm BU2050F Datasheet HTML 7Page - Rohm BU2050F Datasheet HTML 8Page - Rohm BU2050F Datasheet HTML 9Page - Rohm BU2050F Datasheet HTML 10Page - Rohm BU2050F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7/11
BU2050F
TSZ02201-0RHR1GZ00120-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Apr.2016 Rev.003
www.rohm.com
TSZ22111・15・001
I/O Equivalence Circuits
P1 to P8
Power Dissipation
Power dissipation(total loss) indicates the power that can be consumed by IC at TA=25°C(normal temperature). IC is heated
when it consumed power, and the temperature of IC chip becomes higher than ambient temperature. The temperature that
can be accepted by IC chip depends on circuit configuration, manufacturing process, and consumable power is limited.
Power dissipation is determined by the temperature allowed in IC chip(maximum junction temperature) and thermal
resistance of package(heat dissipation capability). The maximum junction temperature is typically equal to the maximum
value in the storage temperature range. Heat generated by consumed power of IC radiates from the mold resin or lead
frame of the package. The parameter which indicates this heat dissipation capability(hardness of heat release)is called
thermal resistance, represented by the symbol θJA (°C/W).The temperature of IC inside the package can be estimated by
this thermal resistance. Figure 8 shows the model of thermal resistance of the package. Thermal resistance θJA, ambient
temperature TA, maximum junction temperature TJmax, and power dissipation PD can be calculated by the equation below:
θJA = (TJmax - TA) / PD
(°C/W)
Derating curve in Figure 9 indicates power that can be consumed by IC with reference to ambient temperature. Power that
can be consumed by IC begins to attenuate at certain ambient temperature. This gradient is determined by thermal
resistance θJA. Thermal resistance θJA depends on chip size, power consumption, package, ambient temperature, package
condition, wind velocity, etc even when the same of package is used. Thermal reduction curve indicates a reference value
measured at a specified condition.
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
25
50
75
100
125
Ambient Temperature [℃]
85
BU2050F(SOP14)
Figure 9. Derating Curve
Figure 8. Thermal resistance
周囲温度
Ta [℃]
チップ 表面温度
Tj [℃]
消費電力 P [W]
Ambient temperature TA (℃)
Chip surface temperature TJmax(℃)
Power dissipation PD (W)
θJA =( TJmax - TA)/ PD (°C/W)
DATA
CLK
STB
CLR
VSS
VSS
VDD
VDD
VSS
VSS
VDD
P1 to P8
DATA,CLK,STB,CLR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com