Electronic Components Datasheet Search
  English  ▼

X  

BU2092F Datasheet(PDF) 7 Page - Rohm

Part # BU2092F
Description  4-input Serial-in / Parallel-out Drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2092F Datasheet(HTML) 7 Page - Rohm

Back Button BU2092F Datasheet HTML 3Page - Rohm BU2092F Datasheet HTML 4Page - Rohm BU2092F Datasheet HTML 5Page - Rohm BU2092F Datasheet HTML 6Page - Rohm BU2092F Datasheet HTML 7Page - Rohm BU2092F Datasheet HTML 8Page - Rohm BU2092F Datasheet HTML 9Page - Rohm BU2092F Datasheet HTML 10Page - Rohm BU2092F Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/13
BU2092F BU2092FV
TSZ02201-0RHR1GZ00130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Sep.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Timing Chart
1.
After the power is turned on and the voltage is stabilized, LCK should be activated, after clocking 12 data bits
into the DATA terminal.
2.
Qx parallel output data of the shift register is set after the 12
th clock by the LCK.
3.
Since the LCK is a label latch, data is retained in the “L” section and renewed in the “H” section of the LCK.
4.
Data retained in the internal latch circuit is output when the OE is in the “L” section.
[
Truth Table]
Input
Function
CLOCK
DATA
LCK
OE
×
×
×
H
Output (Q0 to Q11) Disable
×
×
×
L
Output (Q0 to Q11) Enable
L
×
×
Store “L” in the first stage data of shift register, the previous stage data in the
others. (The conditions of storage register and output have no change.)
H
×
×
Store “H” in the first stage data of shift register, the previous stage data in the
others. (The conditions of storage register and output have no change.)
×
×
×
The data of shift register has no change.
×
×
×
The data of shift register is transferred to the storage register.
×
×
×
The data of storage register has no change.
I/O Equivalence Circuits
Q0 to Q11
CLOCK
LCK
OE
Qx
Previous DATA
DATA11~0
“H”
DATA
DATA11
DATA10 DATA9
DATA1
DATA0
Figure 6 . Timing Chart
(Note3) Diagram shows a status where a pull-up resistor is connected to output.
VSS
Qx
DATA
CLOCK
LCK
OE
VSS
VSS
VDD
VDD
DATA,CLOCK,LCK,OE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com