Electronic Components Datasheet Search
  English  ▼

X  

BU2152FS Datasheet(PDF) 6 Page - Rohm

Part # BU2152FS
Description  4-input Serial-in / Parallel-out Drivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2152FS Datasheet(HTML) 6 Page - Rohm

Back Button BU2152FS Datasheet HTML 2Page - Rohm BU2152FS Datasheet HTML 3Page - Rohm BU2152FS Datasheet HTML 4Page - Rohm BU2152FS Datasheet HTML 5Page - Rohm BU2152FS Datasheet HTML 6Page - Rohm BU2152FS Datasheet HTML 7Page - Rohm BU2152FS Datasheet HTML 8Page - Rohm BU2152FS Datasheet HTML 9Page - Rohm BU2152FS Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6/12
BU2152FS
TSZ02201-0RHR1GZ00150-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
24.Aug.2015 Rev.002
www.rohm.com
TSZ22111・15・001
Switching Time Test Waveform
Figure 4. Switching Time Test Waveform
CLK
90%
10%
tr
50%
90%
10%
tr
50%
50%
50%
tSU1
tHD1
tHD2
tSU2
50%
50%
tHD3
tSU3
DATA
STB
CLB
50%
CLB
tSU4
tHD4
STB
50%
tPD1
CLK
P1~P24
50%
STB
P1~P24
tPD
2
50%
CLB
50%
tPD3
P1~P24
Set-up/Hold Time (DATA-CLK,STB-CLK,CLB-CLK)
Set-up/Hold Time (STB-CLB)
Output Delay Time (CLK- P1 to P24)
Output Delay Time (STB- P1 to P24)
Output Delay Time (CLB- P1 to P24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com