Electronic Components Datasheet Search
  English  ▼

X  

ES3883 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ES3883
Description  Video CD Companion Chip Product Brief
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ES3883 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ES3883 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES3883 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES3883 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES3883 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
SAM0416-052201
ESS Technology, Inc.
ES3883 PRODUCT BRIEF
PINOUT
Figure 2 shows the Visba ES 3883 pinout diagram.
Figure 2
Visba ES883 Pinout Diagram
VISBA ES3883 PIN DESCRIPTIONS
Table 1 lists the Visba ES3883 pin descriptions.
1
MIC2
MIC1
AOL+
AOL-
AOR-
AOR+
VCCAA
VREFP
VCM
VSSAA
AUX15/IR
AUX14/SOS1
AUX13/SP
RBCK/SER_IN
AUX12/C2PO
AUX11/IRQ
AUX10/SQCK
RSD/SEL_PLL0
VCC
VSS
DSC_D7
HSYN_B
DSC_D6
VSYN_B
DSC_D5
YUV7
YUV6
YUV5
YUV4
VCC
VSS
YUV3
DSC_D4
YUV2
DSC_D3
YUV1
DSC_D2
YUV0
DSC_D1
VSS
31
30
51
50
80
81
100
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
Visba ES3883
Video CD
Companion Chip
100-Pin PQFP
Table 1 Visba ES3883 Pin Description
Name
Number
I/O
Definition
VSS
1,25:26,31,72,75,77,91,100
I
Ground.
VCC
5,16,32,66,73,78,90
I
Voltage supply, 5V.
DSC_C
6
I
Clock for programming to access internal registers.
AUX0
7
I/O
Servo forward or general-purpose I/O.
AUX1
9
I/O
Servo reverse or general-purpose I/O.
AUX2
11
I/O
Servo LDON or general-purpose I/O.
AUX3
70
I/O
Servo CW/limit or general-purpose I/O.
AUX4
69
I/O
Servo CCW/close or general-purpose I/O.
AUX5
68
I/O
Servo data or general-purpose I/O.
AUX6
67
I/O
Servo XLAT or general-purpose I/O/VFD_DO.
AUX7
14
I/O
Servo BRKM/sense or general-purpose I/O/VFD_DI.
AUX8
18
I/O
Servo mute/open or general-purpose I/O/VFD_CLK.
AUX9
20
I/O
Servo SQS0 or general-purpose I/O.
AUX10
34
I/O
Servo SQCK or general-purpose I/O.
AUX11
35
I/O
3880 IRQ or interrupt output or general-purpose I/O.
AUX12
36
I/O
CD C2PO or interrupt input or general-purpose I/O.
AUX13
38
I/O
Serial interrupt/CD-mute or general-purpose I/O.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com