Electronic Components Datasheet Search
  English  ▼

X  

HDF387AS4 Datasheet(PDF) 1 Page - Shoulder Electronics Limited.

Part # HDF387AS4
Description  The product shall be packed properly not to be damaged during transportation and storage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF387AS4 Datasheet(HTML) 1 Page - Shoulder Electronics Limited.

  HDF387AS4 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF387AS4 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF387AS4 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF387AS4 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF387AS4 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF387AS4 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF387AS4 Datasheet HTML 7Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 1 of 7
规格书编号
SPEC NO :
产
产品
品规
规格
格书
书
S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
N
CUSTOMER 客 户:
PRODUCT
产 品:
SAW FILTER
MODEL NO 型 号:
HDF387A SMD-4
MARKING
印 字:
HDF4341
PREPARED 编 制:
CHECKED 审 核:
APPROVED 批 准:
D A T E 日 期:
2010-12-13
无锡市好达电子有限公司
Shoulder Electronics Limited
客户确认 CUSTOMER RECEIVED:
审核 CHECKED
批准 APPROVED
日期 DATE


Similar Part No. - HDF387AS4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF380C1S4 SHOULDER-HDF380C1S4 Datasheet
162Kb / 8P
The product shall be packed properly not to be damaged during transportation and storage
HDF383AS4 SHOULDER-HDF383AS4 Datasheet
161Kb / 7P
Drop the device randomly onto the concrete floor from the height of 1m 3 times
HDF384CS4 SHOULDER-HDF384CS4 Datasheet
196Kb / 8P
ELECTRICAL SPECIFICATION
More results

Similar Description - HDF387AS4

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF380C1S4 SHOULDER-HDF380C1S4 Datasheet
162Kb / 8P
The product shall be packed properly not to be damaged during transportation and storage
HDF31512M1S6 SHOULDER-HDF31512M1S6 Datasheet
198Kb / 9P
The product shall be packed properly not to be damaged during transportation and storage
HDF418MS3 SHOULDER-HDF418MS3 Datasheet
204Kb / 8P
The product shall be packed properly not to be damaged during transportation and storage
HDF820ANS6 SHOULDER-HDF820ANS6 Datasheet
179Kb / 9P
The product shall be packed properly not to be damaged during transportation and storage
HDF841ES4 SHOULDER-HDF841ES4 Datasheet
168Kb / 9P
The product shall be packed properly not to be damaged during transportation and storage
HDF865CS4 SHOULDER-HDF865CS4 Datasheet
169Kb / 7P
The product shall be packed properly not to be damaged during transportation and storage
HDF872AS6 SHOULDER-HDF872AS6 Datasheet
161Kb / 8P
The product shall be packed properly not to be damaged during transportation and storage
HDF879ES6 SHOULDER-HDF879ES6 Datasheet
165Kb / 7P
The product shall be packed properly not to be damaged during transportation and storage
HDF903A1S6 SHOULDER-HDF903A1S6 Datasheet
160Kb / 8P
The product shall be packed properly not to be damaged during transportation and storage
HDF916A1S6 SHOULDER-HDF916A1S6 Datasheet
456Kb / 8P
The product shall be packed properly not to be damaged during transportation and storage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com