Electronic Components Datasheet Search
  English  ▼

X  

FSF05A60 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # FSF05A60
Description  LOW FORWARD VOLTAGE DROP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

FSF05A60 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  FSF05A60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation FSF05A60 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FRD Type :
FSF05A60
FSF05A60
FSF05A60
FSF05A60
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:1.7g
Rating
Symbol
FSF05A60
Unit
Repetitive Peak Reverse Voltage
VRRM
600
V
Average Rectified Output Current
IO
5
Tc=107
°C
50 Hz Half Sine Wave
Resistive Load
A
RMS Forward Current
IF(RMS)
7.85
A
Surge Forward Current
IFSM
80
50 Hz Half Sine Wave,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Mounting torque
0.5 Recommended value
N•m
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max. Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
30
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 5A
-
-
1.7
V
Reverse Recovery Time
trr
IFM= 5A,
-di/dt= 50 A/
µs, Ta= 25°C
-
-
40
ns
Rth(j-c) Junction to Case
-
-
5
Thermal Resistance
Rth(c-f) Case to Fin
-
-
1.5
°C/W
FEATURES
* Fully Molded Isolation Case
* Ultra – Fast Recovery
* Low Forward Voltage Drop
* Low Power Loss, High Efficiency
* High Surge Capability
* 200 Volts thru 600 Volts Types Available


Similar Part No. - FSF05A60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSF05A20 NIEC-FSF05A20 Datasheet
53Kb / 4P
FRD - Low Forward Voltage Drop
logo
Kyocera Kinseki Corpota...
FSF05A20 KSS-FSF05A20 Datasheet
719Kb / 5P
Fast Recovery Diode
logo
Inchange Semiconductor ...
FSF05A20 ISC-FSF05A20 Datasheet
282Kb / 2P
Fast Recovery Diode
logo
Nihon Inter Electronics...
FSF05A20B NIEC-FSF05A20B Datasheet
54Kb / 4P
FRD - Low Forward Voltage Drop
logo
Kyocera Kinseki Corpota...
FSF05A20B KSS-FSF05A20B Datasheet
723Kb / 5P
Fast Recovery Diode
More results

Similar Description - FSF05A60

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
Sangdest Microelectroni...
DB151S SMC-DB151S Datasheet
142Kb / 4P
Low forward voltage drop
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
Low forward voltage drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
Low forward voltage drop
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
Low forward voltage drop
KBP4005G DYELEC-KBP4005G Datasheet
238Kb / 2P
Low forward voltage drop
logo
Unisonic Technologies
MGBR15L100CL-TA3-T UTC-MGBR15L100CL-TA3-T Datasheet
163Kb / 3P
Low forward voltage drop
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
Low forward voltage drop
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com