Electronic Components Datasheet Search
  English  ▼

X  

PJ1085 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PJ1085
Description  3 Amp Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ1085 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PJ1085 Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ1085 Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ1085 Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ1085 Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ1085 Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ1085 Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ1085 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PJ1085
3 Amp Low Dropout Positive Voltage Regulator
2-7
2002.rev.A
Unless otherwise specified, Adjust VIN = 2.75V to 12V and Adjust Io = 10mA to 3.0A
Fixed VIN = 4.75V to 12V and Fixed Io = 10mA to 3.0A
Test Conditions
Test Limits
Parameter
Symbol
VIN -VOUT
IO
TJ
(4)
Min
Typ
Max
Units
5V
10mA
25
0.99|Vo|
1.01|Vo|
Output Voltage(1)
Fixed Voltage
Vo
Over Temp.
0.98|Vo|
Vo
1.02|Vo|
5V
10mA
25
1.238
1.262
Reference Voltage(1)
Adj Voltage
VREF
Over Temp.
1.225
1.250
1.275
V
25
0.015
Line Regulation(1)
(Vin-Vout=3V)
REG(LINE)
10mA
Over Temp.
0.035
0.2
25
0.05
0.3
Load Regulation(1)
(Vin-Vout=3V)
REG(LOAD)
Over Temp.
0.2
0.4
%
25
1
Dropout Voltage
Δ
VREF =1%
VD
1.1
1.3
V
Current Limit
(Vin-Vout=5V)
IcL
3.2
4.0
A
Quiescent Current
Fixed Model
IQ
5V
12
14
mA
Temperature Coefficient
Tc
Over Temp.
0.005
%/℃
25
55
Adjust Pin Current
IADJ
120
Adjust Pin Current Change
Δ
IADJ
0.2
5
μ
A
Temperature Stability
Ts
5V
500mA
0.5
%
Minimum Load Current
Adjust Model
Io
5V
Over Temp.
5
10
mA
RMS Output Noise(2)
VN
25
0.003
%Vo
Ripple Rejection Ratio(3)
RA
5V
3.0A
Over Temp.
60
72
dB
(1)Low duty cycle pulse testing with Kelvin connections required.
(2)Bandwidth of 10Hz to 10KHz.
(3)120Hz input ripple (CADJ for ADJ) =25μF .
(4)Over Temp.-over specified operating junction temperature range.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com