Electronic Components Datasheet Search
  English  ▼

X  

PJ34063 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PJ34063
Description  Dc To Converter Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PJ34063 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PJ34063 Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ34063 Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ34063 Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ34063 Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ34063 Datasheet HTML 5Page - List of Unclassifed Manufacturers PJ34063 Datasheet HTML 6Page - List of Unclassifed Manufacturers PJ34063 Datasheet HTML 7Page - List of Unclassifed Manufacturers PJ34063 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PJ34063
Dc To Converter Controller
2-8
2002/01.rev.A
C haracte ristic
Symbol
Value
Unit
Power Supply Voltage
VCC
40
Vdc
Comparator Input Voltage Range
VIR
-0.3 ~ +40
Vdc
Switch Collector Voltage
VC(SW)
40
Vdc
Switch Emitter Voltage
VE(SW)
40
Vdc
Switch Collector to Emitter Voltage
VCE(SW)
40
Vdc
Driver Collector Voltage
VC(drive)
40
Vdc
Drive Collector Current (Note 1)
IC(drive)
100
mA
Switch Current
Isw
1.5
A
Operating Junction Temperature
TJ
+150
℃
Operating Ambient Temperature Range
TA
-20 to +85
℃
Storage Temperature Range
Tstg
-65 to +150
℃
(VCC = 5.0V. Ta= Tlow to Thigh. unless otherwise specified)
C haracte ristic
Symbol
Te st C ondition
Min
Typ
Max
Unit
OSCILLATOR
Frequency
fosc
VPIN5=0V, CT=1.0nF , TA=25℃
24
33
42
KHz
Charging Current
Ichg
VCC=5 to 40V, TA=25℃
24
35
42
μA
Discharge Current
Idischg
VCC=5 to 40V, TA=25℃
140
220
260
μA
Discharge To Charge Current
Ratio
Idischg/Ichg
Pin7 to VCC , TA=25℃
5.2
6.5
7.5
-
Current Limit Sense Voltage
VIPK(sense)
Ichg = Idischg, TA=25℃
250
300
350
mV
OUTPUT SWITCH(NOTE 2)
Saturation Voltage , Darlington
Connection
VCE(sat)
Isw=1.0A, Pins1,8 connected
-
1.0
1.3
V
Saturation Voltage , Darlington
Connection
VCE(sat)
Isw=1.0A, RPIN8=82Ω to Vcc,
Forced β≌20
-
0.45
0.7
V
DC Current Gain
hFE
Isw=1.0A, VCE = 5.0V, TA=25℃
50
75
-
-
Collector Off- State Current
IC(off)
VCE =40V
-
40
100
μA
COMPARATOR
Threshold Voltage
VTH
TA=25℃
1.23
1.25
1.27
V
Threshold Voltage
Line Regulation
Regline
VCC = 3 to 40V
1.4
5.0
mV
Input Bias Current
IIB
VIN=0V
-20
-400
nA
TOTAL DEVICE
Supply Current
ICC
VCC=5 to 40V, CT=1.0nF,
Pin7=Vcc ,VPIN 5>Vth
Pin 2 =GND, remaining pins
open
-
-
4.0
mA
Notes : 1.Maximum package power dissipation limits must be observed.
2.Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient temperature
as possible.
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com