Electronic Components Datasheet Search
  English  ▼

X  

GC2011A-PB Datasheet(PDF) 15 Page - Texas Instruments

Part # GC2011A-PB
Description  3.3V DIGITAL FILTER CHIP
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC2011A-PB Datasheet(HTML) 15 Page - Texas Instruments

Back Button GC2011A-PB Datasheet HTML 11Page - Texas Instruments GC2011A-PB Datasheet HTML 12Page - Texas Instruments GC2011A-PB Datasheet HTML 13Page - Texas Instruments GC2011A-PB Datasheet HTML 14Page - Texas Instruments GC2011A-PB Datasheet HTML 15Page - Texas Instruments GC2011A-PB Datasheet HTML 16Page - Texas Instruments GC2011A-PB Datasheet HTML 17Page - Texas Instruments GC2011A-PB Datasheet HTML 18Page - Texas Instruments GC2011A-PB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
Texas Instruments Incorporated
- 11 -
GC2011A 3.3V DIGITAL FILTER CHIP
SLWS129A
This document contains information which may be changed at any time without notice
2.11
OUTPUT NEGATION
The output negation control allows every other output sample to be negated. This is used to mix complex data
up in frequency by a quarter or half of the output sample rate. This is used primarily when converting complex data to
real.
2.12
GAIN
The gain of the filter can be adjusted in 0.5 dB steps using the gain circuit. The 32 bit sum output is multiplied
by the gain value 2S(1+F/16) where S and F range from 0 to 15. The result is saturated to plus or minus full scale
whenever the product overflows the 32 bit word. The AOF and BOF output bits pulse high for one clock cycle each time
an overflow is detected. The output is then rounded to the upper 8, 10, 12, 16, 20 or 24 bits of the result. The lower bits
are cleared.
The gain adjustment allows the user to scale the filter coefficients in order to optimize the filter’s dynamic range,
and then to readjust the overall filter gain using the gain circuit.
2.13
OUTPUT MUX
The output multiplexor circuit formats the gain outputs for output from the chip. In the dual path mode the upper
16 bit of each gain output word are passed to the A-out and B-out pins. If the output data rate is half or quarter rate, then
the user can have the A-path and B-path outputs multiplexed onto the A-out pins.
In the cascade or 24 bit modes the B path result can be output as a 24 bit value using a combination of the
A-out and B-out pins. In the 24 bit output mode the upper 16 bits are output on the A-out pins and the lower 8 bits are
output on the upper 8 B-out pins.
2.14
SNAPSHOT MEMORY
The snapshot memory is used to capture blocks of input or output samples. The memory can be configured
as two independent snapshots, or one longer snapshot. In the dual mode the memory can be configured to capture two
128 word by 16 bit snapshots, or two 256 byte by 8 bit snapshots. In the single mode the memory can be configured to
capture a 256 word by 16 bit snapshot, or a 512 byte by 8 bit snapshot.
The snapshot data can come from the A-in, B-in, A-out, or B-out samples. In the dual mode the input selection
for the two memories can be made independently. In the 8 bit mode the upper 8 bits of each data source is stored in
the snapshot. In the 16 bit mode the 12 bit A-in or B-in samples are stored in the upper 12 bits of the 16 bit snapshot.
The snapshot can be programmed to store every sample, every-other sample, every third sample, or every
forth sample. This is useful when the chip’s input or output data rate is less than the clock rate.
The snapshot is started by writing configuration information to control registers SNAP_REGA, SNAP_REGB
and SNAP_REGC, and then setting the START bit in SNAP_REGC (See Section 6.8). The snapshot then waits for a
trigger condition plus an optional delay before starting. The trigger conditions are: start immediately after START is set,
trigger on the snapshot sync (SN) strobe, trigger on the sync input (SI) strobe, or trigger on the counter’s (see Section
2.3) terminal count (TC) strobe. The delay from trigger can be set to multiples of 128 sample times, where the sample
time depends upon the selected data rate. The delay is 128DR, where D is the delay count ranging from 0 to 15 and R
is the rate ranging from 1 to 4. The delay setting is useful when there are multiple GC2011A chips running in parallel
and the user wishes to capture a longer snapshot. For example, a two chip configuration could capture 1024 samples
by setting up one chip to capture samples 0 to 511 and setting up the second chip with a delay setting of 512 to capture
512 samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com