Electronic Components Datasheet Search
  English  ▼

X  

TPS25810 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS25810
Description  USB Type-C DFP Controller and Power Switch With Load Detection
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS25810 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS25810 Datasheet HTML 9Page - Texas Instruments TPS25810 Datasheet HTML 10Page - Texas Instruments TPS25810 Datasheet HTML 11Page - Texas Instruments TPS25810 Datasheet HTML 12Page - Texas Instruments TPS25810 Datasheet HTML 13Page - Texas Instruments TPS25810 Datasheet HTML 14Page - Texas Instruments TPS25810 Datasheet HTML 15Page - Texas Instruments TPS25810 Datasheet HTML 16Page - Texas Instruments TPS25810 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Rp
Rp
CC
Rds
Rds
Ra
Ra
Cable
DFP monitors for
connection
DFP monitors for
connection
UFP monitors for
connection
UFP monitors for
connection
Detect Valid
Connection
Establish USB
Power Method
USB Device
Enumeration
13
TPS25810-Q1
www.ti.com
SLVSD95 – NOVEMBER 2016
Product Folder Links: TPS25810-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Figure 11. Flow of DFP to UFP Configuration
7.1.3 Detecting a Connection
DFPs and DRPs fulfill the role of detecting a valid connection over USB Type-C. Figure 12 shows a DFP-to-UFP
connection made with Type-C cable. As shown in Figure 12, the detection concept is based on being able to
detect terminations in the product that has been attached. A pullup and pulldown termination model is used. A
pullup termination can be replaced by a current source.
•
In the DFP-UFP connection, the DFP monitors both CC pins for a voltage lower than the unterminated
voltage.
•
A UFP advertises Rd on both its CC pins (CC1 and CC2).
•
A powered cable advertises Ra on only one of the CC pins of the plug. Ra is used to inform the source to
apply VCONN.
•
An analog audio device advertises Ra on both CC pins of the plug, which identifies it as an analog audio
device. VCONN is not applied on either CC pin in this case.
Figure 12. DFP-UFP Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com