Electronic Components Datasheet Search
  English  ▼

X  

PST573 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # PST573
Description  SYSTEM RESET Monolithic IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST573 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  PST573 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST573 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST573 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST573 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST573 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST573 Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MITSUMI
System Reset PST573
Measuring Circuit
[1]
[2]
INPUT PULSE
4.1V
4.9V
0V
0.8V
VS
0V
4.9
4.1
Note: Input model is an example for PST573C.
Characteristics (Example: PST573C)
VCC vs. VOUT
VCC vs. ICC
8
7
6
5
4
3
2
1
01
2
3
4
5
6
7
8
VOUT
(V)
VCC (V)
Ta=-20
°C
Ta=25
°C
Ta=75
°C
600
500
400
300
200
100
0
01
2
3
4
5
6
7
8
ICC
(
µA)
VCC (V)
Ta=-20
°C
Ta=25
°C
Ta=75
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com