Electronic Components Datasheet Search
  English  ▼

X  

PST573C Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # PST573C
Description  SYSTEM RESET Monolithic IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST573C Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  PST573C Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST573C Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST573C Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST573C Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST573C Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST573C Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUMI
System Reset PST573
Equivalent Circuit Diagram
Absolute Maximum Ratings (Ta=25°C)
Item
Symbol
Rating
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC max.
-0.3~10
V
Allowable loss
Pd
200(MMP-3A)
mW
300(TO-92A)
Electrical Characteristics (Ta=25°C) (Except where noted otherwise, resistance unit is Ω)
Item
Symbol
Measurement
Measurement conditions
Min.
Typ.
Max.
Units
circuit
PST573C
4.3
4.5
4.7
PST573D
4.0
4.2
4.4
PST573E
3.7
3.9
4.1
RL=4.7k
PST573F
3.4
3.6
3.8
Detection voltage
VS
1VOL <
= VCC-0.4V
PST573G
3.1
3.3
3.5
V
VCC=H
L
PST573H
2.9
3.1
3.3
PST573I
2.75
2.90
3.05
PST573J
2.55
2.70
2.85
PST573K
2.35
2.50
2.65
PST573L
2.15
2.30
2.45
Hysteresis voltage
VS
1
RL=4.7k
Ω
25
50
100
mV
VCC=L
H
L
Detection voltage
RL=4.7k
Ω
VS/ T
1
±0.01
%/°C
temperature coefficient
Ta=-20°C~+75°C
High level output voltage
VOH
1
VCC=VS min. -0.05V
VCC
V
RL=4.7k
Ω
-0.4
Output leakage current
IOH
1VCC=7.5V
±0.1
µA
Circuit current while on
ICCL
1
VCC=VS min. -0.05V
450
700
µA
RL=
∞
Circuit current while off
ICCH
1
VCC=VS typ. /0.85V
1.0
1.8
µA
RL=
∞
"H"transport delay time
tpLH
2
RL=4.7k
Ω *1
25
60
µS
CL=100pF
"L"transport delay time
tpHL
2
RL=4.7k
Ω *1
820
µS
CL=100pF
Operation limit voltage
VopL
1
RL=4.7k
Ω
0.65
0.85
V
VOL >
= VCC-0.4V
Output current while on I
IOL I1
VCC=VS min.-0.05V
-2.0
-6.0
mA
RL=0
Output current while on II
IOL II
1
Ta=-20°C~+75°C *2
-1.5
mA
RL=0
*1 : tpLH : VCC=(VS typ.-0.4V) (VS typ.+0.4V), tpHL : VCC=(VS typ.+0.4V) (VS typ.-0.4V)
*2 : VCC=VS min.-0.15V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com