Electronic Components Datasheet Search
  English  ▼

X  

PST573D Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # PST573D
Description  SYSTEM RESET Monolithic IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST573D Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  PST573D Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST573D Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST573D Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST573D Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST573D Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST573D Datasheet HTML 6Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MITSUMI
System Reset PST573
System Reset
Monolithic IC PST573
Outline
This IC functions in a variety of CPU systems and other logic systems, to detect power supply voltage and
reset the system accurately when power is turned on or interrupted. This ultra-low current consumption high
reset type system reset IC was developed using high resistance process and low current circuit design
technology.
Features
1. Ultra-low current consumption
ICCH=450µA typ. ICCL=1µA typ.
2. Low operating limit voltage
0.65V typ.
3. Output current high for ON
-6mA typ.
4. Hysteresis voltage provided in detection voltage
50mV typ.
5. 10 ranks of detection voltage
PST573
C : 4.5V typ.
H : 3.1V typ.
D : 4.2V typ.
I : 2.9V typ.
E : 3.9V typ.
J : 2.7V typ.
F : 3.6V typ.
K : 2.5V typ.
G : 3.3V typ.
L : 2.3V typ.
Package
MMP-3A (PST573
M)
TO-92A (PST573
)
* contains detection voltage rank .
Applications
1. Reset circuits in microcomputers, CPUs and MPUs.
2. Logic circuit reset circuits.
3. Battery voltage check circuits.
4. Back-up power supply switching circuits.
5. Level detection circuits.
Pin Assignment
12
3
TO-92A
1
VCC
2
GND
3
VOUT
3
1
2
MMP-3A
1
VCC
2
GND
3
VOUT


Similar Part No. - PST573D

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST574 MITSUMI-PST574 Datasheet
116Kb / 5P
System Reset
PST574C MITSUMI-PST574C Datasheet
116Kb / 5P
System Reset
PST574D MITSUMI-PST574D Datasheet
116Kb / 5P
System Reset
PST574E MITSUMI-PST574E Datasheet
116Kb / 5P
System Reset
PST574F MITSUMI-PST574F Datasheet
116Kb / 5P
System Reset
More results

Similar Description - PST573D

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST7046 MITSUMI-PST7046 Datasheet
47Kb / 3P
System Reset Monolithic IC PST70XX Series
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
System Reset Monolithic IC
PST591 MITSUMI-PST591 Datasheet
133Kb / 6P
System Reset Monolithic IC PST591~595 Series
PST575 MITSUMI-PST575 Datasheet
139Kb / 6P
System Reset Monolithic IC PST575
PST611 MITSUMI-PST611 Datasheet
118Kb / 5P
System Reset Monolithic IC PST611
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
IC for CMOS System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
IC for System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
IC for CMOS System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
IC for System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
IC for System Reset Monolithic IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com