Electronic Components Datasheet Search
  English  ▼

X  

PST600C Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # PST600C
Description  System Reset Monolithic IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST600C Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  PST600C Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST600C Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST600C Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST600C Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST600C Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MITSUMI
System Reset PST600
Absolute Maximum Ratings (Ta=25°C)
Electrical Characteristics (Ta=25°C) (unless otherwise indicated resistance unit is Ω)
*1 tPLH : VCC= (Vs typ. -0.4V) (Vs typ.+0.4V), tPLH : VCC= (Vs typ.+0.4V) (Vs typ.-0.4V)
*2 VCC=Vs min. -0.15V
Pin Assignment
12
3
TO-92A
3
1
2
MMP-3A
1
VCC
2
GND
3
VOUT
1
VCC
2
GND
3
VOUT
Item
Symbol
Ratings
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC max.
-0.3~10
V
Allowable loss
Pd
200 (MMP-3A)
mW
300 (TO-92A)
Item
Symbol
Measurement
Measurement conditions
Min. Typ. Max. Units
circuit
PST600C
4.3
4.5
4.7
PST600D
4.0
4.2
4.4
PST600E
3.7
3.9
4.1
RL=470
PST600F
3.4
3.6
3.8
Detection voltage
Vs
1
VOL <
= 0.4V
PST600G
3.1
3.3
3.5
V
VCC=H
L
PST600H
2.9
3.1
3.3
PST600I
2.75
2.90
3.05
PST600J
2.55
2.70
2.85
PST600K
2.35
2.50
2.65
PST600L
2.15
2.30
2.45
Hysteresis voltage
Vs
1
RL=470, VCC=L
H
L
30
50
100
mV
Detection voltage
temperature coefficient
Vs/
T
1
RL=470, Ta=-20°C~+75°C
±0.01
%/°C
Low level output voltage
VOL
1
VCC=Vs min. -0.05V, RL=470
0.3
0.4
V
Output leak current
IOH
1VCC=10V
±0.1
µA
Circuit current for ON
ICCL
1
VCC=Vs min.
IOL=0mA
7
14
µA
-0.05V
IOL=8mA
50
130
Circuit current for OFF
ICCH
1VCC=Vs typ./0.85V, RL=
∞
510
µA
H transmission delay time
tPLH
2RL=4.7k, CL=100pF *1
204080
µS
L transmission delay time
tPHL
2RL=4.7k, CL=100pF *1
102040
µS
Operating limit voltage
VopL
1
RL=4.7k, VOL <
= 0.4V
0.65
0.85
V
Output current 1 for ON
IOL 11
VCC=Vs min. -0.05V, RL=0
8
mA
Output current 2 for ON
IOL 21
Ta=-20°C~+75°C, RL=0 *2
6mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com