Electronic Components Datasheet Search
  English  ▼

X  

TC8020 Datasheet(PDF) 8 Page - Supertex, Inc

Part # TC8020
Description  Six Pair, N- and P-Channel Enhancement-Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC8020 Datasheet(HTML) 8 Page - Supertex, Inc

  TC8020 Datasheet HTML 1Page - Supertex, Inc TC8020 Datasheet HTML 2Page - Supertex, Inc TC8020 Datasheet HTML 3Page - Supertex, Inc TC8020 Datasheet HTML 4Page - Supertex, Inc TC8020 Datasheet HTML 5Page - Supertex, Inc TC8020 Datasheet HTML 6Page - Supertex, Inc TC8020 Datasheet HTML 7Page - Supertex, Inc TC8020 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2012 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
8
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
TC8020
Doc.# DSFP-TC8020
C091112
56-Lead QFN Package Outline (K6)
8.00x8.00mm body, 1.00mm height (max), 0.50mm pitch
Symbol
A
A1
A3
b
D
D2
E
E2
e
L
L1
θ
Dimension
(mm)
MIN
0.80
0.00
0.20
REF
0.18
7.85*
2.75
7.85*
2.75
0.50
BSC
0.30
0.00
0O
NOM
0.90
0.02
0.25
8.00
5.70
8.00
5.70
0.40
-
-
MAX
1.00
0.05
0.30
8.15*
6.70†
8.15*
6.70†
0.50
0.15
14O
JEDEC Registration MO-220, Variation VLLD-2, Issue K, June 2006.
* This dimension is not specified in the JEDEC drawing.
† This dimension differs from the JEDEC drawing.
Drawings are not to scale.
Supertex Doc.#: DSPD-56QFNK68X8P050, Version A031010.
Notes:
1.
A Pin 1 identifier must be located in the index area indicated. The Pin 1 identifier can be: a molded mark/identifier; an embedded metal marker; or
a printed indicator.
2.
Depending on the method of manufacturing, a maximum of 0.15mm pullback (L1) may be present.
3.
The inner tip of the lead may be either rounded or square.
Seating
Plane
Top View
Side View
Bottom View
D
E
D2
E2
View B
View B
1
Note 3
Note 2
56
1
56
Note 1
(Index Area
D/2 x E/2)
Note 1
(Index Area
D/2 x E/2)
e
b
L
L1
A
A1
A3
θ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com