Electronic Components Datasheet Search
  English  ▼

X  

BFP410 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP410
Description  Low Noise Silicon Bipolar RF Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP410 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP410 Datasheet HTML 1Page - Infineon Technologies AG BFP410 Datasheet HTML 2Page - Infineon Technologies AG BFP410 Datasheet HTML 3Page - Infineon Technologies AG BFP410 Datasheet HTML 4Page - Infineon Technologies AG BFP410 Datasheet HTML 5Page - Infineon Technologies AG BFP410 Datasheet HTML 6Page - Infineon Technologies AG BFP410 Datasheet HTML 7Page - Infineon Technologies AG BFP410 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2013-08-16
5
BFP410
Power gain Gma, Gms = ƒ (IC)
VCE = 2V
f = parameter in GHz
0
4
8
12
16
20
24
28 mA
36
IC
0
4
8
12
16
20
24
28
32
dB
40
0.15GHz
0.45GHz
0.9GHz
1.5GHz
1.9GHz
2.4GHz
3.5GHz
5.5GHz
10GHz
Power gain Gma, Gms = ƒ (VCE)
IC = 13 mA
f = parameter in GHz
0
1
2
3
4
V
6
VCE
0
4
8
12
16
20
24
28
32
dB
40
0.15GHz
0.45GHz
0.9GHz
1.5GHz
1.9GHz
2.4GHz
3.5GHz
5.5GHz
10GHz
Noise figure F =
ƒ(IC)
VCE = 2 V, ZS = ZSopt
0
4
8
12
16
20
24 mA
30
IC
0
0.5
1
1.5
2
2.5
3
3.5
dB
4.5
f= 10.0 GHz
f= 5.5 GHz
f= 2.4 GHz
f= 1.8 GHz
f= 0.9 GHz
f= 0.45 GHz
Noise figure F =
ƒ(IC)
VCE = 2 V, f = 2 GHz
0
4
8
12
16
mA
24
IC
0
0.5
1
1.5
2
2.5
3
dB
4
ZS=50Ohm
ZS=ZSopt



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com