Electronic Components Datasheet Search
  English  ▼

X  

BFP405 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP405
Description  Low Noise Silicon Bipolar RF Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP405 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP405 Datasheet HTML 1Page - Infineon Technologies AG BFP405 Datasheet HTML 2Page - Infineon Technologies AG BFP405 Datasheet HTML 3Page - Infineon Technologies AG BFP405 Datasheet HTML 4Page - Infineon Technologies AG BFP405 Datasheet HTML 5Page - Infineon Technologies AG BFP405 Datasheet HTML 6Page - Infineon Technologies AG BFP405 Datasheet HTML 7Page - Infineon Technologies AG BFP405 Datasheet HTML 8Page - Infineon Technologies AG BFP405 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2013-09-19
5
BFP405
Transition frequency fT = ƒ(IC)
f = 2 GHz
VCE = parameter in V
0
4
8
12
16
mA
22
IC
4
6
8
10
12
14
16
18
20
22
GHz
26
4V
3V
2V
1.5V
1V
0.5V
Power gain Gma, Gms, |S21|2 = ƒ (f)
VCE = 3 V, IC = 5 mA
0
1
2
3
4
5
6
7
8 GHz
10
f
0
4
8
12
16
20
24
28
32
36
dB
44
Gms
Gma
|S21|²
Power gain Gma, Gms = ƒ (IC)
VCE = 3V
f = parameter in GHz
0
4
8
12
16
20 mA
26
IC
0
4
8
12
16
20
24
28
32
dB
40
0.15GHz
0.45GHz
0.9GHz
1.5GHz
1.9GHz
2.4GHz
3.5GHz
5.5GHz
10GHz
Power gain Gma, Gms = ƒ (VCE)
IC = 5 mA
f = parameter in GHz
0
1
2
3
4
V
6
VCE
0
4
8
12
16
20
24
28
32
dB
40
0.15GHz
0.45GHz
0.9GHz
1.5GHz
2.4GHz
3.5GHz
5.5GHz
10GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com