Electronic Components Datasheet Search
  English  ▼

X  

HC4468 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HC4468
Description  Audio and General purpose.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HC4468 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HC4468 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HC4468 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HC4468 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HC4468 Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
█ APPLICATIONS
●
Audio and General purpose.
●
Complementary to HA1695.
█ ABSOLUTE MAXIMUM RATINGS(T
a=25℃)
█ ELECTRICAL CHARACTERISTICS(T
a=25℃)
Symbol
Characteristics
Min
Typ
Max
Unit
Test Conditions
BVCBO
Collector-Base Breakdown Voltage
200
V
IC=100μA, IE=0
BVCEO
Collector-Emitter Breakdown Voltage
140
V
IC=50mA, IB=0
BVEBO
Emitter-Base Breakdown Voltage
6
V
IE=100μA, IC=0
ICBO
Collector Cut-off Current
10
μA
VCB=200V, IE=0
IEBO
Emitter Cut-off Current
10
μA
VEB=6V, IC=0
HFE(1) DC Current Gain
50
180
VCE=4V, IC=3A
VCE(sat)
Collector- Emitter Saturation Voltage
0.5
V
IC=5A, IB=0.5A
fT
Current Gain-Bandwidth Product
20
MHz
VCE=12V, IE=-0.5A
Cob
Output Capacitance
250
pF
VCB=10V, IE=0, f=1MHz
█ hFE(1) Classification
O
P
Y
50 - 100
70 - 140
90 – 180
Tstg——Storage Temperature………………………… -65~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation(Tc=25℃)…………………………100W
VCBO——Collector-Base Voltage………………………………200V
VCEO——Collector-Emitter Voltage……………………………140V
VEBO——Emitter-Base Voltage………………………………………6V
IC——Collector Current(DC)………………………………………10A
Ib——Base Current………………………………………………4A
1―Base,B
2―Collector,C
3―Emitter,E
TO-3P
HC4468
NPN SILICON TRANSISTOR


Similar Part No. - HC4468

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
HC4 ILLINOISCAPACITOR-HC4 Datasheet
1Mb / 6P
High AC Voltage - High current
logo
TEKTRONIX, INC.
HC4 TEKTRONIX-HC4 Datasheet
7Mb / 44P
4 Series MSO Mixed Signal Oscilloscope Datasheet
30 Apr 2020
logo
PANDUIT CORP.
HC4-3 PANDUIT-HC4-3 Datasheet
59Kb / 1P
TWO-WAY CONNECTOR PREMIUM TYPE HC CUSTOMER DRAWING
logo
Intersil Corporation
HC4-55564/883 INTERSIL-HC4-55564/883 Datasheet
127Kb / 5P
Continuously Variable Slope Delta-Modulator (CVSD)
October 1999
logo
Panasonic Semiconductor
HC4-H-AC100V PANASONIC-HC4-H-AC100V Datasheet
388Kb / 18P
Relay for control panel of 1A to 10A (1c/2c/3c/4c) Full range of types
More results

Similar Description - HC4468

ManufacturerPart #DatasheetDescription
logo
Sanken electric
2SA1186 SANKEN-2SA1186 Datasheet
23Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1215 SANKEN-2SA1215 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1216 SANKEN-2SA1216 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1262 SANKEN-2SA1262 Datasheet
23Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1386 SANKEN-2SA1386 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SA1488 SANKEN-2SA1488 Datasheet
24Kb / 1P
Silicon PNP Epitaxial Planar Transistor(Audio and General Purpose)
2SC2837 SANKEN-2SC2837 Datasheet
23Kb / 1P
Silicon NPN Epitaxial Planar Transistor(Audio and General Purpose)
logo
KEC(Korea Electronics)
KTC4468 KEC-KTC4468 Datasheet
80Kb / 3P
TRIPLE DIFFUSED PNP TRANSISTOR(AUDIO AND GENERAL PURPOSE)
logo
SHANTOU HUASHAN ELECTRO...
HA1695 HUASHAN-HA1695 Datasheet
297Kb / 4P
Audio and General purpose.
logo
eleflow technologies co...
2SC2921 ELEFLOW-2SC2921 Datasheet
149Kb / 2P
Audio and General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com