Electronic Components Datasheet Search
  English  ▼

X  

SA55 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SA55
Description  PULSE WIDTH MODULATION AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SA55 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SA55 Datasheet HTML 1Page - List of Unclassifed Manufacturers SA55 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
FEATURES
• DELIVERS UP TO 5A CONTINUOUS OUTPUT
• OPERATES AT SUPPLY VOLTAGES TO 55V
• TTL AND CMOS COMPATIBLE INPUTS
• NO “SHOOT-THROUGH” CURRENT
• THERMAL WARNING FLAG OUTPUT AT 145
° C
• THERMAL SHUTDOWN (OUTPUTS OFF) AT 160
° C
• INTERNAL CLAMP DIODES
• SHORTED LOAD PROTECTION
• INTERNAL CHARGE PUMP WITH EXTERNAL BOOTSTRAP
CAPABILITY
APPLICATIONS
• DC AND STEPPER MOTOR DRIVES
• POSITION AND VELOCITY SERVOMECHANISMS
• FACTORY AUTOMATION ROBOTS
• NUMERICALLY CONTROLLED MACHINERY
• COMPUTER PRINTERS AND PLOTTERS
PRELIMINARY
BLOCK DIAGRAM
HTTP://WWW.APEXMICROTECH.COM
(800) 546-APEX
(800) 546-2739
MICROTECHNOLOGY
PULSE WIDTH MODULATION AMPLIFIER
SA55
BRAKE
DIRECTION
PWM
ILIM
BRIDGE
DRIVER
THERMAL
FLAG
OUTPUT
BOOTSTRAP 1
BOOTSTRAP 2
GROUND
VS
OUTPUT 1
OUTPUT 2
CURRENT
SENSE OUT
THERMAL
SENSING
UNDER
VOLTAGE
LOCKOUT
CHARGE
PUMP
DRIVE
CHARGE
PUMP
DRIVE
CURRENT
SENSING
DESCRIPTION
The SA55 is a 5A H-Bridge designed for motion control
applications. The device is built using a multi-technology
process which combines bipolar and CMOS control circuitry
with DMOS power devices on the same monolithic structure.
Ideal for driving DC and stepper motors; the SA55 accomodates
peak output currents up to 10A. An innovative circuit which
facilitates low-loss sensing of the output current has been
implemented.


Similar Part No. - SA55

ManufacturerPart #DatasheetDescription
logo
AUK corp
SA5511 AUK-SA5511 Datasheet
207Kb / 3P
LED Lamp
SA5511 AUK-SA5511 Datasheet
181Kb / 4P
LED Lamp
logo
KODENSHI_AUK CORP.
SA5511 KODENSHI-SA5511 Datasheet
253Kb / 3P
LAMP LED
logo
AUK corp
SA5511B AUK-SA5511B Datasheet
207Kb / 3P
LED Lamp
SA5511B AUK-SA5511B Datasheet
181Kb / 4P
LED Lamp
More results

Similar Description - SA55

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MSA240 APEX-MSA240 Datasheet
305Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA01 APEX-SA01 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56 Datasheet
541Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305 Datasheet
562Kb / 6P
PULSE WIDTH MODULATION AMPLIFIER
SA03 APEX-SA03_06 Datasheet
269Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
MSA260 CIRRUS-MSA260 Datasheet
692Kb / 8P
Pulse Width Modulation Amplifier
SA01 APEX-SA01_07 Datasheet
317Kb / 4P
PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56_07 Datasheet
370Kb / 7P
PULSE WIDTH MODULATION AMPLIFIER
SA305 APEX-SA305_07 Datasheet
428Kb / 8P
PULSE WIDTH MODULATION AMPLIFIER
SA03 CIRRUS-SA03 Datasheet
210Kb / 5P
Pulse Width Modulation Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com