Electronic Components Datasheet Search
  English  ▼

X  

2SA1010 Datasheet(PDF) 2 Page - NEC

Part # 2SA1010
Description  SILICON POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1010 Datasheet(HTML) 2 Page - NEC

  2SA1010 Datasheet HTML 1Page - NEC 2SA1010 Datasheet HTML 2Page - NEC 2SA1010 Datasheet HTML 3Page - NEC 2SA1010 Datasheet HTML 4Page - NEC 2SA1010 Datasheet HTML 5Page - NEC 2SA1010 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Data Sheet D16118EJ2V0DS
2
2SA1010
ELECTRICAL CHARACTERISTICS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector to emitter voltage
VCEO(SUS)
IC =
−5.0 A, IB1 = −0.5 A, L = 1 mH
−100
V
Collector to emitter voltage
VCEX(SUS)1
IC =
−5.0 A, IB1 = −IB2 = −0.5 A,
VBE(OFF) = 5.0 V, L = 180
µH, clamped
−100
V
Collector to emitter voltage
VCEX(SUS)2
IC =
−10 A, IB1 = −1.0 A, IB2 = −0.5 A,
VBE(OFF) = 5.0 V, L = 180
µH, clamped
−100
V
Collector cutoff current
ICBO
VCB =
−100 V, IE = 0
−10
µA
Collector cutoff current
ICER
VCE =
−100 V, RBE = 51 Ω, Ta = 125 °C
−1.0
mA
Collector cutoff current
ICEX1
VCE =
−100 V, VBE(OFF) = 1.5 V
−10
µA
Collector cutoff current
ICEX2
VCE =
−100 V, VBE(OFF) = 1.5 V,
Ta = 125
°C
−1.0
mA
Emitter cutoff current
IEBO
VEB =
−5.0 V, IC = 0
−10
µA
DC current gain
hFE1
VCE =
−5.0 V, IC = −0.5 A*
40
200
DC current gain
hFE2
VCE =
−5.0 V, IC = −3.0 A*
40
200
DC current gain
hFE3
VCE =
−5.0 V, IC = −5.0 A*
20
Collector saturation voltage
VCE(sat)
IC =
−5.0 A, IB = −0.5 A*
−0.6
V
Base saturation voltage
VBE(sat)
IC =
−5.0 A, IB = −0.5 A*
−1.5
V
Turn-on time
ton
0.5
µs
Storage time
tstg
1.5
µs
Fall time
tf
IC =
−5.0 A, RL = 10 Ω,
IB1 =
−IB2 = −0.5 A, VCC ≅ −50 V
Refer to the test circuit.
0.5
µs
* Pulse test PW
≤ 350
µs, duty cycle ≤ 2%
hFE CLASSIFICATION
Marking
M
L
K
hFE2
40 to 80
60 to 120
100 to 200
TYPICAL CHARACTERISTICS (Ta = 25
°°°°C)
Ambient Temperature Ta (
°C)
Collector to Emitter Voltage VCE (V)
2 mm aluminum board,
no insulating board,
grease coating, natural
air cooling
With infinite heatsink



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com