Electronic Components Datasheet Search
  English  ▼

X  

SC3610D Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC3610D
Description  FREQUENCY AND CLOCK DISPLAY DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC3610D Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC3610D Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC3610D Datasheet HTML 10Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Silan
Semiconductors
SC3610
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
6
FUNCTIONAL DESCRIPTION
1. RADIO FREQUENCY DISPLAY OPERATION (DTS MODE):
The FM and AM local oscillator output generated from the external RF receiver enters a high gain input
comparator through the FMIN and the AMIN pins respectively. The FM signal then routes through a divide-by-10
dynamic pre-scalar. Depending on the state of the AM/FM-SEL pin, the FM and AM signal will be selected and
enters the IF frequency offset block. Depending on the FM/AM selection, 10.7MHz/70kHz or 455kHz I.F.
frequency will be subtracted or added from the input signal.
LCD Display Range:
Mode
Range
Display range (on LCD)
Step
Resolution
FM
H
L
11.00 MHz to 99.99 MHz
11.00 MHz to 149.9 kHz
10kHz
100kHz
1kHz
10kHz
AM
H
L
500 kHz to 9999 kHz
0.5 MHz to 29.99 MHz
1kHz
10kHz
100kHz
1kHz
Note:1 When counter frequency overflow, MSB will not be displayed.
IF Offset for different application:
IF70K
AMFM-
SEL
IF Offset
Operation
0
0
+10.7MHz
Display FM input frequency 10.7MHz
0
1
+455kHz
Display AM input frequency 455kHz
1
0
-70 kHz*
Display FM input frequency +70kHz
1
1
+455 kHz
Display AM input frequency 455kHz
* Suitable to use with Silan SC1088
2. CLOCK FUNCTION:
1) The clock will be advanced in the following flow:
PM 12:00
→ PM 11:59 → AM 12:00 → 11:59
2) The [:] sign is the second indicator and will blink at a rate of 2Hz
3) TIME SETTING:
--
Pressing the keys combination of [TIME SET] [HR SET] or [TIME SET] [MIN SET] will enter the time
setting mode.
--
One digit will be incremented after entering the alarm setting mode. Keep pressing the keys
combination for more than 0.5 seconds will make the digit to be advanced at a rate of 2Hz.
4) ALARM TIME SETTING:
--
Pressing the keys combination of [AL DISP] [HR SET] or [AL DISP] [MIN SET] will enter the alarm time
setting mode. The [AL] indicator will turn on and the [:] sign will stop blinking.
--
One digit will be incremented after entering the alarm setting mode. Keep pressing the keys combination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com