Electronic Components Datasheet Search
  English  ▼

X  

LM2465 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2465
Description  Monolithic Triple 5.5 ns High Gain CRT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2465 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2465 Datasheet HTML 1Page - National Semiconductor (TI) LM2465 Datasheet HTML 2Page - National Semiconductor (TI) LM2465 Datasheet HTML 3Page - National Semiconductor (TI) LM2465 Datasheet HTML 4Page - National Semiconductor (TI) LM2465 Datasheet HTML 5Page - National Semiconductor (TI) LM2465 Datasheet HTML 6Page - National Semiconductor (TI) LM2465 Datasheet HTML 7Page - National Semiconductor (TI) LM2465 Datasheet HTML 8Page - National Semiconductor (TI) LM2465 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AC Test Circuit
Figure 2 shows a typical test circuit for evaluation of the LM2465. This circuit is designed to allow testing of the LM2465 in a 50
Ω
environment without the use of an expensive FET probe. The two 2490
Ω resistors form a 200:1 divider with the 50Ω resistor and
the oscilloscope. A test point is included for easy use of an oscilloscope probe.The compensation capacitor is used to
compensate the stray capacitance of the two 2490
Ω resistors to achieve flat frequency response.
DS200190-3
Note: 8 pF load includes parasitic capacitance.
FIGURE 2. Test Circuit (One Channel)
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com