Electronic Components Datasheet Search
  English  ▼

X  

GS4881 Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS4881
Description  Monolithic Video Sync Separators
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS4881 Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS4881 Datasheet HTML 6Page - Gennum Corporation GS4881 Datasheet HTML 7Page - Gennum Corporation GS4881 Datasheet HTML 8Page - Gennum Corporation GS4881 Datasheet HTML 9Page - Gennum Corporation GS4881 Datasheet HTML 10Page - Gennum Corporation GS4881 Datasheet HTML 11Page - Gennum Corporation GS4881 Datasheet HTML 12Page - Gennum Corporation GS4881 Datasheet HTML 13Page - Gennum Corporation GS4881 Datasheet HTML 14Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
520 - 23 - 03
VIDEO
0.1µF
CH1
CH2
2
75
Ω
560
Ω
4
8
680k
0.1µ
6
Photograph 3 shows the amount of sync clipping for a 560
Ω
source resistor. A graph of V
CLIP
versus R
S
is shown in
Figure 23, and Figure 24 shows the corresponding capacitor
value for a particular series resistor to provide a corner
frequency of 500 kHz.
In applications where signal levels are small the amount of
attenuation should be minimized. It follows from Figure 23 and
Figure 24 that in order to minimize attenuation a small series
resistor and a larger capacitor to ground should be chosen.
This however, increases the capacitive loading of the signal
source.
Another way to minimize the amount of attenuation is to control
the source resistance seen by the sync separator by using a
PNP emitter follower (Figure 25). A PNP emitter follower works
well to drive the sync separator, and does not require much
DC current because the transistor provides the current when
it is needed during sync. Figure 26 is a typical application
circuit that minimizes sync tip clipping.
Test Circuit 3
Fig. 25 PNP Emitter Follower Buffer
Photograph 3
100
90
80
70
60
50
40
30
20
10
0
0
100
200
300
400
500
600
700
SERIES RESISTOR (
Ω)
SERIES RESISTOR (
Ω)
0
100
200
300
400
500
600
700
10
9
8
7
6
5
4
3
2
1
0
Fig. 23 VCLIP vs Series Resistor
Fig. 24 Cƒ vs Series Resistor
5.6k
CC
2
V
CC
75
Ω
VIDEO
INPUT
FILTER
4
8
-5V
680k
0.1µ
6
V
CC
6
-5V
CC
2
75
Ω
VIDEO
INPUT
4
8
5.6k
56p
5.6k
680k
0.1µ
Fig. 26 Typical NTSC Application Circuit
CH1
CH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com