Electronic Components Datasheet Search
  English  ▼

X  

SI3036 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SI3036
Description  3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3036 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SI3036 Datasheet HTML 35Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 36Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 37Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 38Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 39Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 40Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 41Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 42Page - List of Unclassifed Manufacturers SI3036 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
Si3035
Rev. 1.2
39
Reset settings = 0000_0000 (serial mode 0, 1)
Reset settings = 0001_0011 (serial mode 2)
Reset settings = 0000_0000 (serial mode 0, 1, 2)
Reset settings = 0000_0000
Register 8. PLL1 Multiply M1
Bit
D7D6D5
D4D3D2D1D0
Name
M1[7:0]
Type
R/W
Bit
Name
Function
7:0
M1[7:0]
M1 Multiplier.
Contains the (value – 1) for determining the output frequency on PLL1
Register 9. PLL2 Divide/Multiply N2/M2
Bit
D7D6D5
D4D3D2D1D0
Name
N2[3:0]
M2[3:0]
Type
R/W
R/W
Bit
Name
Function
7:4
N2[3:0]
N2 Divider.
Contains the (value – 1) for determining the output frequency on PLL2.
3:0
M2[3:0]
M2 Multiplier.
Contains the (value – 1) for determining the output frequency on PLL2.
Register 10. PLL Control Register
Bit
D7D6D5
D4D3D2D1D0
Name
CGM
Type
R/W
Bit
Name
Function
7:1
Reserved
Read returns zero.
0CGM
Clock Generation Mode.
0 = No additional ratio is applied to the PLL and faster lock times are possible.
1 = A 25/16 ratio is applied to the PLL allowing for a more flexible choice of MCLK frequencies
while slowing down the PLL lock time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com