Electronic Components Datasheet Search
  English  ▼

X  

HC4066AG Datasheet(PDF) 9 Page - ON Semiconductor

Part # HC4066AG
Description  Quad Analog Switch/ Multiplexer/Demultiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

HC4066AG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button HC4066AG Datasheet HTML 5Page - ON Semiconductor HC4066AG Datasheet HTML 6Page - ON Semiconductor HC4066AG Datasheet HTML 7Page - ON Semiconductor HC4066AG Datasheet HTML 8Page - ON Semiconductor HC4066AG Datasheet HTML 9Page - ON Semiconductor HC4066AG Datasheet HTML 10Page - ON Semiconductor HC4066AG Datasheet HTML 11Page - ON Semiconductor HC4066AG Datasheet HTML 12Page - ON Semiconductor HC4066AG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MC74HC4066A
http://onsemi.com
9
Figure 5. Maximum On−Channel Bandwidth
Test Set−Up
ON
14
VCC
0.1
mF
CL*
fin
dB
METER
*Includes all probe and jig capacitance.
VOS
7
SELECTED
CONTROL
INPUT
VCC
Figure 6. Off−Channel Feedthrough Isolation,
Test Set−Up
OFF
7
14
VCC
0.1
mF
CL*
fin
dB
METER
*Includes all probe and jig capacitance.
VOS
RL
VIS
SELECTED
CONTROL
INPUT
Figure 7. Feedthrough Noise, ON/OFF Control to
Analog Out, Test Set−Up
14
VCC
CL*
*Includes all probe and jig capacitance.
OFF/ON
VCC
GND
Vin ≤ 1 MHz
tr = tf = 6 ns
CONTROL
VCC/2
RL
IS
RL
VOS
7
SELECTED
CONTROL
INPUT
VCC/2
VCC
GND
ANALOG IN
ANALOG OUT
50%
tPLH
tPHL
50%
Figure 8. Propagation Delays, Analog In to
Analog Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com