Electronic Components Datasheet Search
  English  ▼

X  

SI9105 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9105
Description  1-W High-Voltage Switchmode Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9105 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9105 Datasheet HTML 1Page - Vishay Siliconix SI9105 Datasheet HTML 2Page - Vishay Siliconix SI9105 Datasheet HTML 3Page - Vishay Siliconix SI9105 Datasheet HTML 4Page - Vishay Siliconix SI9105 Datasheet HTML 5Page - Vishay Siliconix SI9105 Datasheet HTML 6Page - Vishay Siliconix SI9105 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Si9105
Vishay Siliconix
www.vishay.com
2
Document Number: 70003
S-42030—Rev. H, 15-Nov-04
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to −VIN (VCC < +VIN + 0.3 V)
VCC
15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+VIN
120 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VDS
200 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ID (Peak) (300 ms pulse, 2% duty cycle)
2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . .
ID (rms)
250 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic Inputs (RESET,
SHUTDOWN, OSC IN)
−0.3 V to VCC + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . .
Linear Inputs (FEEDBACK, SOURCE)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . .
HV Pre-Regulator Input Current (continuous)
5 mA
. . . . . . . . . . . . . . . . . . . . .
Storage Temperature
−65 to 125_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature
−40 to 85_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction Temperature (TJ)
150_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (Package)a
14-Pin Plastic DIP (J Suffix)b
750 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin Plastic Wide-Body SOIC (W Suffix)c
900 mW
. . . . . . . . . . . . . . . . . . .
20-Pin PLCC (N Suffix)d
1400 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Impedance (QJA)
14-Pin Plastic DIP
167_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin Plastic Wide-Body SOIC
140_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
20-Pin PLCC
90_C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 6 mW/_C above 25_C
c.
Derate 7.2 mW/_C above 25_C
d.
Derate 11.2 mW/_C above 25_C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
Voltages Referenced to −VIN
VCC
10 V to 13.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+VIN
10 V to 120 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
fOSC
40 kHz to 1 MHz
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
ROSC
25 kW to 1 MW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Linear Inputs
0 to VCC − 3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputs
0 to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SPECIFICATIONSa
Test Conditions
Unless Otherwise Specified
Limits
Parameter
Symbol
DISCHARGE = −VIN = 0 V
VCC = 10 V, +VIN = 48 V
RBIAS = 820 kW, ROSC = 910 kW
Tempb
Minc
Typd
Maxc
Unit
Reference
Output Voltage
VR
OSC IN = VIN (OSC Disabled)
RL = 10 MW
Room
3.92
4.00
4.08
V
Output Impedancee
ZOUT
OSC IN = −VIN
Room
15
300
45
kW
Short Circuit Current
ISREF
OSC IN = − VIN, VREF = −VIN
Room
70
100
130
mA
Temperature Stabilitye
TREF
OSC IN = −VIN
Full
0.25
1.0
mV/_C
Long Term Stabilitye
t = 1000 hrs, TA = 125_C
Room
5.00
25.00
mV
Oscillator
Maximum Frequencye
fMAX
ROSC = 0
Room
1
3
MHz
Initial Accuracy
fOSC
See Note e
Room
32
40
48
kHz
Voltage Stability
Df/f
Df/f = f (13.5 V) − f (9.5 V)/f (9.5 V)
Room
10
15
%
Temperature Coefficiente
TOSC
Full
200
500
ppm/_C
Error Amplifier
Feedback Input Voltage
VFB
FB Tied to COMP
OSC IN = −VIN (OSC Disabled)
Room
3.96
4
4.04
V
Input BIAS Current
IFB
OSC IN = −VIN, VFB = 4 V
Room
25
500
nA
Open Loop Voltage Gaine
AVOL
OSC IN = −VIN (OSC Disabled)
Room
60
80
dB
Input Offset Voltage
VOS
Room
"15
"40
mV
Unity Gain Bandwidthe
BW
OSC IN = −VIN
Room
0.5
0.8
MHz
Dynamic Output Impedance
ZOUT
IN
Room
1
kW
Output Current
IOUT
Source (VFB = 3.4 V)
Room
−1.2
−0.32
mA
Output Current
IOUT
Sink (VFB = 4.5 V)
Room
0.05
0.08
mA
Power Supply Rejection
PSRR
10 V v VCC v 13.5 V
Room
70
dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com