Electronic Components Datasheet Search
  English  ▼

X  

SL490BNADP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SL490BNADP
Description  REMOTE CONTROL TRANSMITTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SL490BNADP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SL490BNADP Datasheet HTML 1Page - List of Unclassifed Manufacturers SL490BNADP Datasheet HTML 2Page - List of Unclassifed Manufacturers SL490BNADP Datasheet HTML 3Page - List of Unclassifed Manufacturers SL490BNADP Datasheet HTML 4Page - List of Unclassifed Manufacturers SL490BNADP Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3
SL490B
Fig. 5 Infra-red application circuit
OPERATING NOTES
Fig. 5 shows the circuit for a simple infra-red transmitter where
the PPM output pulses from pin 2 of the SL490B are differentated
by C3 and R3 and amplified by TR1 to produce current pulses
about 15
µs wide.These pulses are further amplified by TR2 and
applied to the infra-red diodes D1 and D2.
The current in the diodes and the infra-red output is controlled
by the quantity, type, and connection method of the diodes and
also by the gain, at high currents, of the transistors.
The most common solution where cost is important is to use
two single-chip diodes, such as the CQY99 connected in series.
Improved output can be obtained by using four CQY99
diodes in a series/parallel arrangement, but it is usually simpler
to use two multi-chip diodes such as the CQX47 connected in
parallel or a single CQX19, which gives similar results.
A significant increase in range can be obtained by using
diodes such as the CQY99 in conjunction with a plated plastic
parabolic reflector.
When building the transmitter, care should be taken with the
choice of the capacitor C4 and with the circuit layout, particularly
when multi-chip diodes are being used, as the current pulses can
be as high as 6 to 8A.
Transistor choice is also important and any substitutes should
have high current gain characteristics and switching speeds
compatible with the application.
An increase in output can be obtained by connecting TR2 in
common emitter configuration, but care should be taken not to
exceed the rating of the diodes.
Choice of PPM Frequency
When the transmitter is being used with an infra-red link, with
high current pulses fed to the diodes as in Fig. 5, power
consumption will increase with frequency. It is thus advisable
that, with a battery power supply, the slowest PPM rate consistent
with adequate response time should be chosen.
9V
(PP3)
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
SL490B
C2
4·7
µ, 6V
C1
0·22
µ, 5%
2 3 CQY99
OR
1 3 CQX47
D1
D2
15k
R2
2·2k
R3
100
C3
68n
8 3 4
KEYPAD
47k
TR1
BC327
TR2
BD437
150
µ
10V
1
2
R1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com