Electronic Components Datasheet Search
  English  ▼

X  

MMF24A Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # MMF24A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MMF24A Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  MMF24A Datasheet HTML 1Page - SUNMATE electronic Co., LTD MMF24A Datasheet HTML 2Page - SUNMATE electronic Co., LTD MMF24A Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMF5.0A(CA) - MMF170A(CA)
VOLTAGE RANGE: 5.0 - 17 0V
POWER: 200Wa t t s
1 of 3
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
Symbol
Value
Unit
Maximum PPK Dissipation (PW - 10/1000 μs)
200
W
Maximum PPK Dissipation @ Ta = 25 °C (PW - 8/10 μs) (Note 2)
PPK
1000
W
DC Power Dissipation @ Ta = 25 °C
(Note 3)
PD
385
mW
Derate above 25 °C
4.0
mW/°C
Thermal Resistance, Junction to Ambient (Note 3)
RӨJA
325
°C/W
Thermal Resistance, Junction to Lead (Note 3)
RӨJL
26
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes :
(1) Non−repetitive current pulse at Ta = 25°C, per waveform of Fig. 2.
(2) Non−repetitive current pulse at Ta = 25°C, per waveform of Fig. 5.
(3) Mounted with recommended minimum pad size, DC board FR
−4.
PPK
For surface mounted applications
Low profile package
clamping capability
cycle):0.01%
High temperature soldering guaranteed:
260 ℃/10 seconds, at terminals
200W peak pulse power capability with a10/1000
www.sunmate.tw
Low incremental surge resistance, excellent
wave from,repetition rate (duty
!
!
!
!
!
Characteristic
: SOD-123FL
plastic body over passivated junction
Method 2026
: Color band denotes cathode end
: Any
Case
Terminals
Polarity
Mounting Position
: Plated axial leads,
solderable per MIL-STD-750,
Mechanical Data
!
!
!
!
!
! Weight:0.0007 ounce, 0.02 grams
3.58 3.72
0.55
0.57
0.53
0.15
0.17
0.13
E
D
1.00
1.03
0.097
1.05
1.08
1.02
1
1.80
1.83
1.77
2.75
2.78
2.72
A
3.65
3
SOD-123FL
Dim
Min
Max
Typ
B
C
H
L
All Dimensions in mm
A
E
L
B
C
E
H
D
Features
Maximum Ratings TA = 25°C unless otherwise specified


Similar Part No. - MMF24A

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
MMF24A SEMITECH-MMF24A Datasheet
130Kb / 4P
Glass passivated junction
MMF24A SEMITECH-MMF24A Datasheet
497Kb / 5P
Low profile package
logo
Zibo Seno Electronic En...
MMF24A ZSELEC-MMF24A Datasheet
244Kb / 4P
5.0 to 19 0Volts 200Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
MMF24A LEIDITECH-MMF24A Datasheet
485Kb / 4P
Working peak reverse voltage range ??5.0V to 190V
More results

Similar Description - MMF24A

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
MMF6.5A SUNMATE-MMF6.5A Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF11A SUNMATE-MMF11A Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF24CA SUNMATE-MMF24CA Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF28CA SUNMATE-MMF28CA Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF36CA SUNMATE-MMF36CA Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF43CA SUNMATE-MMF43CA Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF45CA SUNMATE-MMF45CA Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF58A SUNMATE-MMF58A Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF60CA SUNMATE-MMF60CA Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
MMF70A SUNMATE-MMF70A Datasheet
811Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com