Electronic Components Datasheet Search
  English  ▼

X  

HDF922AS6 Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # HDF922AS6
Description  Operation Temperature Range
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF922AS6 Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  HDF922AS6 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF922AS6 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF922AS6 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF922AS6 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF922AS6 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF922AS6 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF922AS6 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF922AS6 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SAW FILTER
HDF922A
S-6
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 4 of 8
3.Performance
3.1Electronic Characteristics
Item
Specification
Center Frequency(fo)
922.5 MHz
Insertion Loss(dB)
1.)922.5±3.5 MHz
2.)Fo-44.0~-40.0 MHz
3.)Fo-22.0~-19.0 MHz
4.)Fo+21.0~24.0 MHz
5.)Fo+42.0~47.0 MHz
6) Fo+12.0MHz
4.5max
40 min
25 min
20 min
40 min
10 min
Ripple deviation (919~926MHz)(dB)
2.0max
Pass band width(-3dB)
±2.0MHz min.
Input/output Impedance(Nominal)
50Ω
Operating Temperature Range
0℃to +50℃
3.2 Frequency Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com