Electronic Components Datasheet Search
  English  ▼

X  

HDF948AS6 Datasheet(PDF) 6 Page - Shoulder Electronics Limited.

Part # HDF948AS6
Description  Operation Temperature Range
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF948AS6 Datasheet(HTML) 6 Page - Shoulder Electronics Limited.

  HDF948AS6 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF948AS6 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF948AS6 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF948AS6 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF948AS6 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF948AS6 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF948AS6 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF948AS6 Datasheet HTML 8Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SAW FILTER
HDF948A
S-6
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 6 of 8
5-8-1 Pulling test
Weight along with the direction of lead without an shock 1kg. The device shall satisfy all
the initial Characteristics.
5-8-2 Bending test
Lead shall be subject to withstand against 90℃ bending with 450g weight in the
direction of thickness. This operation shall be done toward both direction. The device
shall show no evidence of damage and shall
6. REMARK
6.1 Static voltage
Static voltage between signal load & ground may cause deterioration &destruction of the
component. Please avoid static voltage.
6.2 Ultrasonic cleaning
Ultrasonic vibration may cause deterioration & destruction of the component. Please
avoid ultrasonic cleaning
6.3 Soldering
Only leads of component may be soldered. Please avoid soldering another part of
component.
7. Packing
7.1 Dimensions
(1) Carrier Tape: Figure 1
(2) Reel: Figure 2
(3) The product shall be packed properly not to be damaged during transportation and storage.
7.2 Reeling Quantity
1000 pcs/reel
7’’
3000 pcs/reel
13’’
7.3 Taping Structure
(1) The tape shall be wound around the reel in the direction shown below.
(2) Label



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com