Electronic Components Datasheet Search
  English  ▼

X  

TESTEXEC Datasheet(PDF) 7 Page - Keysight Technologies

Part # TESTEXEC
Description  TestExec SL 7.1
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

TESTEXEC Datasheet(HTML) 7 Page - Keysight Technologies

  TESTEXEC Datasheet HTML 1Page - Keysight Technologies TESTEXEC Datasheet HTML 2Page - Keysight Technologies TESTEXEC Datasheet HTML 3Page - Keysight Technologies TESTEXEC Datasheet HTML 4Page - Keysight Technologies TESTEXEC Datasheet HTML 5Page - Keysight Technologies TESTEXEC Datasheet HTML 6Page - Keysight Technologies TESTEXEC Datasheet HTML 7Page - Keysight Technologies TESTEXEC Datasheet HTML 8Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
07 | Keysight | TestExec SL 7.1 - Data Sheet
System Requirements for Keysight TestExec SL 7.1
–
IBM-compatible PC (A Pentium 600 MHz (or equivalent) with 256 MB of RAM is the
minimum, and a 1GHz or greater Pentium (or equivalent) with 1GB of RAM is
recommended)
– CD-ROM drive
– Ethernet adapter
– 1024 x 768 graphics resolution or higher
– At least 180 MB of free disk space (for the TestExec SL program, data and sample
iles), an additional 280 MB of hard disk space is required if the .NET framework
version 2.0 has yet to be installed on the target PC
– Operating System: Microsoft Windows XP Service Pack 3 or Windows 7
What’s New in Keysight TestExec SL 7.1?
The multithreading capability allows you
to begin executing multiple test
statements simultaneously without
having to wait for a statement that is
executing to complete its operation.
The new feature helps to increase
execution throughput by reducing
unnecessary idle time.
This feature enables you to send a
channel list to switch one instrument.
You can now switch a collection of
switches to a given set of positions.
In instruments that support sending
multiple commands in a single
transaction, this has the potential to
signiicantly speed up switching time by
reducing the total number of
transactions required to switch.
The IVI-COM action feature enables you
to create actions by using the IVI-COM
assembly “hwhIVI.dll”.
With this capability, the user does not
need to write any programming codes
and the action can be created with a few
mouse clicks.
Key Features
#1 Multithreading
#2 State-based Switching
#3 IVI-COM Action
Enhancements
Undo Delete
– This feature allows you to undo a
deletion that has been made. You can
either click on the button or select
ctrl-z to undo one level of deletion in
statement, action or parameter block.
Testplan Variants
– A testplan variant combo box is added
at the main testplan window above
the testplan sequence combo box.
You can now select the variant from
the combo list and testplan view will
be updated immediately.
Pre-selection of Symbols
in Symbol Editor
–
You can type the irst character of the
parameter name in any parameter
table to locate the desired symbol.
This is particularly useful for symbol
searching in a large parameter table.
Action Step
– In tests, single-stepping can be set
where you can select which
action steps to go through. However,
single-stepping is not permitted for
threaded tests
Change Indicator
–
You will now ind an ‘*’ appearing on
the document title indicating that a
testplan has been created or modiied
but has yet to be saved.
Save as Previous Version
–
This lexibility allows you to save
a testplan in its previous version.
However, the features associated with
a newer version will be removed after
the conversion.
Ignore Test Group
– You may ignore test group. This
feature is useful especially when
working with variants whereby
different variants have different test
groups that needs to be working.
Parameter and Limit Settings in
Throughput Multiplier
–
This lexibility allows you to set same
parameter and/or same limit settings
for throughput multiplier in Testplan
options.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com