Electronic Components Datasheet Search
  English  ▼

X  

VP0106 Datasheet(PDF) 1 Page - Supertex, Inc

Part # VP0106
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VP0106 Datasheet(HTML) 1 Page - Supertex, Inc

  VP0106 Datasheet HTML 1Page - Supertex, Inc VP0106 Datasheet HTML 2Page - Supertex, Inc VP0106 Datasheet HTML 3Page - Supertex, Inc VP0106 Datasheet HTML 4Page - Supertex, Inc VP0106 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-VP0106
C082313
VP0106
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
SiVP
0 106
YYWW
P-Channel Enhancement-Mode
Vertical DMOS FETs
Features
► Free from secondary breakdown
► Low power drive requirement
► Ease of paralleling
► Low C
ISS and fast switching speeds
► Excellent thermal stability
► Integral source-drain diode
► High input impedance and high gain
Applications
► Motor controls
► Converters
► Amplifiers
► Switches
► Power supply circuits
► Drivers (relays, hammers, solenoids, lamps, memories,
displays, bipolar transistors, etc.)
General Description
This enhancement-mode (normally-off) transistor utilizes
a vertical DMOS structure and Supertex’s well-proven,
silicon-gate manufacturing process. This combination
produces a device with the power handling capabilities
of bipolar transistors and the high input impedance and
positive temperature coefficient inherent in MOS devices.
Characteristic of all MOS structures, this device is free
from thermal runaway and thermally-induced secondary
breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
very low threshold voltage, high breakdown voltage, high
input impedance, low input capacitance, and fast switching
speeds are desired.
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±20V
Operating and storage temperature
-55OC to +150OC
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
TO-92
Product Marking
Package may or may not include the following marks: Si or
Pin Configuration
TO-92
GATE
SOURCE
DRAIN
Product Summary
BV
DSS/BVDGS
R
DS(ON)
(max)
I
D(ON)
(min)
-60V
8.0Ω
-500mA
Typical Thermal Resistance
Package
θ
ja
TO-92
132OC/W
Ordering Information
Part Number
Package Option
Packing
VP0106N3-G
TO-92
1000/Bag
VP0106N3-G P002
TO-92
2000/Reel
VP0106N3-G P003
VP0106N3-G P005
VP0106N3-G P013
VP0106N3-G P014
-G denotes a lead (Pb)-free / RoHS compliant package.
Contact factory for Wafer / Die availablity.
Devices in Wafer / Die form are lead (Pb)-free / RoHS compliant.


Similar Part No. - VP0106

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VP0106 SUTEX-VP0106 Datasheet
46Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
logo
Microchip Technology
VP0106 MICROCHIP-VP0106 Datasheet
759Kb / 14P
P-Channel Enhancement-Mode Vertical DMOS FET
Rev. A April 2022
logo
New Jersey Semi-Conduct...
VP0106N2 NJSEMI-VP0106N2 Datasheet
90Kb / 1P
P-Channel Enhancement-Mode
logo
Supertex, Inc
VP0106N3 SUTEX-VP0106N3 Datasheet
46Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP0106N3 SUTEX-VP0106N3 Datasheet
225Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
More results

Similar Description - VP0106

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
TP0606 SUTEX-TP0606 Datasheet
454Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP07L SUTEX-TP07L Datasheet
73Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs????
VP0104 SUTEX-VP0104 Datasheet
46Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1506 SUTEX-VP1506 Datasheet
27Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP2106 SUTEX-VP2106 Datasheet
456Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
VP1504 SUTEX-VP1504 Datasheet
339Kb / 2P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2520 SUTEX-TP2520_07 Datasheet
576Kb / 5P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635_07 Datasheet
562Kb / 5P
P- Channel Enhancement-Mode Vertical DMOS FETs
TP2424N8-G SUTEX-TP2424N8-G Datasheet
347Kb / 3P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2540N3-G SUTEX-TP2540N3-G Datasheet
711Kb / 6P
P-Channel Enhancement Mode Vertical DMOS FETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com