Electronic Components Datasheet Search
  English  ▼

X  

VN2222LL Datasheet(PDF) 1 Page - Supertex, Inc

Part # VN2222LL
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

VN2222LL Datasheet(HTML) 1 Page - Supertex, Inc

  VN2222LL Datasheet HTML 1Page - Supertex, Inc VN2222LL Datasheet HTML 2Page - Supertex, Inc VN2222LL Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Supertex inc.
Supertex inc.
www.supertex.com
Doc.# DSFP-VN2222LL
B082013
VN2222LL
YY = Year Sealed
WW = Week Sealed
= “Green” Packaging
Si VN
2222L
LYYWW
Features
► Free from secondary breakdown
► Low power drive requirement
► Ease of paralleling
► Low C
ISS and fast switching speeds
► Excellent thermal stability
► Integral source-drain diode
► High input impedance and high gain
Applications
► Motor controls
► Converters
► Amplifiers
► Switches
► Power supply circuits
► Drivers (relays, hammers, solenoids, lamps, memories,
displays, bipolar transistors, etc.)
General Description
This enhancement-mode (normally-off) transistor utilizes
a vertical DMOS structure and Supertex’s well-proven,
silicon-gate manufacturing process. This combination
produces a device with the power handling capabilities
of bipolar transistors and the high input impedance and
positive temperature coefficient inherent in MOS devices.
Characteristic of all MOS structures, this device is free
from thermal runaway and thermally-induced secondary
breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
very low threshold voltage, high breakdown voltage, high
input impedance, low input capacitance, and fast switching
speeds are desired.
N-Channel Enhancement-Mode
Vertical DMOS FET
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSS
Drain-to-gate voltage
BV
DGS
Gate-to-source voltage
±30V
Operating and storage temperature
-55OC to +150OC
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
TO-92
Product Marking
Package may or may not include the following marks: Si or
Pin Configuration
TO-92
GATE
SOURCE
DRAIN
Product Summary
BV
DSS/BVDGS
R
DS(ON)
(max)
I
D(ON)
(min)
60V
7.5Ω
750mA
Typical Thermal Resistance
Package
θ
ja
TO-92
132OC/W
Ordering Information
Part Number
Package Option
Packing
VN2222LL-G
TO-92
1000/Bag
VN2222LL-G P002
TO-92
2000/Reel
VN2222LL-G P003
VN2222LL-G P005
VN2222LL-G P013
VN2222LL-G P014
-G denotes a lead (Pb)-free / RoHS compliant package.
Contact factory for Wafer / Die availablity.
Devices in Wafer / Die form are lead (Pb)-free / RoHS compliant.


Similar Part No. - VN2222LL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
VN2222LL MOTOROLA-VN2222LL Datasheet
68Kb / 4P
TMOS FET Transistor
logo
Supertex, Inc
VN2222LL SUTEX-VN2222LL Datasheet
433Kb / 2P
N-Channel Enhancement-Mode Vertical DMOS FETs
logo
Calogic, LLC
VN2222LL CALOGIC-VN2222LL Datasheet
24Kb / 2P
N-Channel Enhancement-Mode MOS Transistors
logo
Vishay Siliconix
VN2222LL VISHAY-VN2222LL Datasheet
41Kb / 4P
N-Channel 60-V (D-S) MOSFETs
16-Jul-01
logo
Zetex Semiconductors
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - VN2222LL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
VN2222LL ZETEX-VN2222LL Datasheet
18Kb / 1P
N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com