Electronic Components Datasheet Search
  English  ▼

X  

TH7120 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # TH7120
Description  300 to 930MHz FSK/FM/ASK Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TH7120 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button TH7120 Datasheet HTML 9Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 10Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 11Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 12Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 13Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 14Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 15Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 16Page - List of Unclassifed Manufacturers TH7120 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TH7120
300 to 930MHz
FSK/FM/ASK Transceiver
3901007120
Page 13 of 28
Data Sheet
Rev. 005
Jan. 2002
PR
EL
IM
INA
RY
B-word
Symbol
Bits
No.
Description
Software button
RT9:RT0
RT9:RT0
[9:0]
10
Reference divider ratio in TX mode
Min2:Min0
[12:10]
3
Select minimum value of RO active current:
ROMIN
‘000’
‘001’
‘010’
‘011’
‘100’
‘101’
‘110’
‘111’
0 µA
50 µA
100 µA
150 µA
200 µA
250 µA
300 µA
350 µA
Max2:Max0
[15:13]
3
Select maximum value of RO active current:
ROMAX
‘000’
‘001’
‘010’
‘011’
‘100’
‘101’
‘110’
‘111’
0 µA (RO is off)
50 µA
100 µA
150 µA
200 µA
250 µA
300 µA
350 µA
EnFm
[16]
1
Test bit. Forced '0' for correct functioning.
EnAdj
[17]
1
Test bit. Forced '0' for correct functioning.
LNAHYST
[18]
1
Enable LNA hysteresis:
LNAHYST
‘1’
‘0’
disabled
enabled
EnDelPLL
[19]
1
Enable delayed start of the PLL:
EnDelPLL
‘1’
‘0’
disabled
enabled.
not used
[20]
1
‘X’
not used
[21]
1
‘X’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com