Electronic Components Datasheet Search
  English  ▼

X  

THS4150 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # THS4150
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4150 Datasheet(HTML) 3 Page - Texas Instruments

  THS4150 Datasheet HTML 1Page - Texas Instruments THS4150 Datasheet HTML 2Page - Texas Instruments THS4150 Datasheet HTML 3Page - Texas Instruments THS4150 Datasheet HTML 4Page - Texas Instruments THS4150 Datasheet HTML 5Page - Texas Instruments THS4150 Datasheet HTML 6Page - Texas Instruments THS4150 Datasheet HTML 7Page - Texas Instruments THS4150 Datasheet HTML 8Page - Texas Instruments THS4150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
THS4150, THS4151
HIGHSPEED DIFFERENTIAL I/O AMPLIFIERS
SLOS321D − MAY 2000 − REVISED JANUARY 2004
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC = ±5 V, RL = 800 Ω, TA = 25°C (unless otherwise noted)†
dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 5
150
BW
Small signal bandwidth (−3 dB)
VCC = ±5
Gain = 1, Rf = 390 Ω
150
MHz
BW
Small signal bandwidth (−3 dB)
VCC = ±15
Gain = 1, Rf = 390 Ω
150
MHz
VCC = 5
80
BW
Small signal bandwidth (−3 dB)
VCC = ±5
Gain = 2, Rf = 750 Ω
81
MHz
BW
Small signal bandwidth (−3 dB)
VCC = ±15
Gain = 2, Rf = 750 Ω
81
MHz
SR
Slew rate (see Notes 1)
VCC = ±15,
Gain = 1
650
V/
µs
ts
Settling time to 0.1%
Differential step voltage = 2 VPP, Gain = 1
53
ns
ts
Settling time to 0.01%
Differential step voltage = 2 VPP, Gain = 1
247
ns
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.
NOTE 4: Slew rate is measured from an output level range of 25% to 75%.
distortion performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC = 5
f = 1 MHz
−85
Total harmonic distortion
VCC = 5
f = 8 MHz
−66
THD
Total harmonic distortion
Differential input, differential output
VCC = ±5
f = 1 MHz
−83
dB
THD
Differential input, differential output
Gain = 1, Rf = 390 Ω, RL = 800 Ω
VO = 2 VPP
VCC = ±5
f = 8 MHz
−65
dB
Gain = 1, Rf = 390 , RL = 800
VO = 2 VPP
VCC = ±15
f = 1 MHz
−84
VCC = ±15
f = 8 MHz
−65
Spurious free dynamic range (SFDR)
VO = 2 VPP
f = 1 MHz
−87
dB
Third intermodulation distortion
VO = 0.14 VRMS
Gain = 1, f = 20 MHz
-95
dBc
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.
noise performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vn
Input voltage noise
f = 10 kHz
7.6
nV/
√Hz
In
Input current noise
f = 10 kHz
1.78
pA/
√Hz
† The full range temperature is 0°C to 70°C for the C suffix, and −40°C to 85°C for the I suffix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com