Electronic Components Datasheet Search
  English  ▼

X  

SDA0501P Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # SDA0501P
Description  1-Line Uni-directional TVS Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

SDA0501P Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  SDA0501P Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd SDA0501P Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd SDA0501P Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SDA0501P
1-Line Uni-directional TVS Diode
Features
●
Ultra low leakage: nA level
●
Operating voltage: 5V
●
Low clamping voltage
●
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±20kV
Contact discharge: ±15kV
– IEC61000-4-4 (EFT) 40A (5/50ns)
– IEC61000-4-5 (Lightning) 2A (8/20μs)
●
RoHS Compliant
Applications
●
USB 2.0 power and data line
●
Set-top box and digital TV
●
Digital video interface (DVI)
●
Notebook Computers
●
SIM Ports
●
10/100 Ethernet
Dimensions DFN1006-2
Pin Configuration
Mechanical Characteristics
●
Package: DFN1006-2
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:10,000pcs
●
Reel Size:7 inch
Rev : 01.06.2014
1/3
www.leiditech.com
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
25
W
ESD per IEC 61000−4−2 (Air)
VESD
±20
Kv
ESD per IEC 61000−4−2 (Contact)
±15
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃


Similar Part No. - SDA0501P

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SDA0501PT LEIDITECH-SDA0501PT Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
More results

Similar Description - SDA0501P

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LTVS16H12T5G LRC-LTVS16H12T5G Datasheet
138Kb / 4P
1- Line Uni- directional TVS Diode
logo
Applied Power Microelec...
AU0371P6 APMICRO-AU0371P6 Datasheet
1,011Kb / 7P
1-Line Uni-directional TVS Diode
AU0771D3 APMICRO-AU0771D3 Datasheet
767Kb / 4P
1-Line Uni-directional TVS Diode
AU1501P1 APMICRO-AU1501P1 Datasheet
796Kb / 4P
1-Line Uni-directional TVS Diode
AU2401P1 APMICRO-AU2401P1 Datasheet
737Kb / 4P
1-Line Uni-directional TVS Diode
AU2471P1 APMICRO-AU2471P1 Datasheet
612Kb / 4P
1-Line Uni-directional TVS Diode
AU3601P1 APMICRO-AU3601P1 Datasheet
404Kb / 4P
1-Line Uni-directional TVS Diode
logo
Shanghai Leiditech Elec...
SD0371P6W LEIDITECH-SD0371P6W Datasheet
3Mb / 6P
1-Line Uni-directional TVS Diode
SDA3611DN LEIDITECH-SDA3611DN Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
SD2471P6W LEIDITECH-SD2471P6W Datasheet
3Mb / 3P
1-Line Uni-directional TVS Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com