Electronic Components Datasheet Search
  English  ▼

X  

TP5335 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TP5335
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP5335 Datasheet(HTML) 3 Page - Supertex, Inc

  TP5335_13 Datasheet HTML 1Page - Supertex, Inc TP5335_13 Datasheet HTML 2Page - Supertex, Inc TP5335_13 Datasheet HTML 3Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Supertex inc.
does not recommend the use of its products in life support applications, and will not knowingly sell them for use in such applications unless it receives
an adequate “product liability indemnification insurance agreement.” Supertex inc. does not assume responsibility for use of devices described, and limits its liability
to the replacement of the devices determined defective due to workmanship. No responsibility is assumed for possible omissions and inaccuracies. Circuitry and
specifications are subject to change without notice. For the latest product specifications refer to the Supertex inc. (website: http//www.supertex.com)
©2013 Supertex inc. All rights reserved. Unauthorized use or reproduction is prohibited.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
3
TP5335
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline
information go to http://www.supertex.com/packaging.html.)
Doc.# DSFP-TP5335
B081913
3-Lead TO-236AB (SOT-23) Package Outline (K1)
2.90x1.30mm body, 1.12mm height (max), 1.90mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
e1
L
L1
θ
Dimension
(mm)
MIN
0.89
0.01
0.88
0.30
2.80
2.10
1.20
0.95
BSC
1.90
BSC
0.20†
0.54
REF
0O
NOM
-
-
0.95
-
2.90
-
1.30
0.50
-
MAX
1.12
0.10
1.02
0.50
3.04
2.64
1.40
0.60
8O
JEDEC Registration TO-236, Variation AB, Issue H, Jan. 1999.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc.#: DSPD-3TO236ABK1, Version C041309.
View B
View A - A
Side View
Top View
View B
Gauge
Plane
Seating
Plane
0.25
L1
L
E1 E
D
3
1
2
e
e1
b
A
A
Seating
Plane
A A2
A1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com