Electronic Components Datasheet Search
  English  ▼

X  

FAB0307021 Datasheet(PDF) 1 Page - Power System Technology

Part # FAB0307021
Description  DC/DC liquid cooled converter for automotive application with output current control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0307021 Datasheet(HTML) 1 Page - Power System Technology

  FAB0307021 Datasheet HTML 1Page - Power System Technology FAB0307021 Datasheet HTML 2Page - Power System Technology FAB0307021 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Liquid cooled converter
360 x 310 x 205 mm
INPUT : 56-100Vdc
OUTPUT : 120-240Vdc
10KW
Efficiency : 84 % typ.
INPUT
Voltage range :
56-100Vdc
Input current max. :
100A, internal power limitation
Undervoltage turn-on :
54,3V
Undervoltage turn-off :
45,8V
Input protection :
transient and surges protected
EMI filter
OUTPUT
Voltage :
120 to 240Vdc with external control
Current :
0 to 42A with external control
Typ.
Line regulation
Load regulation
Ripple and noise
Current limit
0,02 %
0,5 %
115 %
of I nominal
Low line to high line ; full load
No load to full load
Peak to peak, nom. Input ; full load
Vout = 95% of nominal ;
Automatic restart
0,2 %
0,2 %
1 %
Short circuit current
115 %
of Iout nominal
Vout < 250mV ; Automatic restart
OUTPUT
Conditions
Max.
APPLICATIONS
DC/DC liquid cooled converter for automotive application with output current control.
FAB0307021
1/3


Similar Part No. - FAB0307021

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0307020 PST-FAB0307020 Datasheet
220Kb / 3P
Industrial power supply
More results

Similar Description - FAB0307021

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2383 NJRC-NJM2383 Datasheet
123Kb / 7P
DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
NJM2384 NJRC-NJM2384 Datasheet
94Kb / 7P
DC/DC CONVERTER CONTROL IC WITH CURRENT SENSE AMPLIFIER
logo
Zetex Semiconductors
ZXLD1322 ZETEX-ZXLD1322 Datasheet
359Kb / 18P
Buck/boost mode DC-DC converter for LED driving with 700mA output and current control
ZXLD1321 ZETEX-ZXLD1321 Datasheet
470Kb / 20P
Boost mode DC-DC converter for LED driving with 1A output and current control
ZXLD1320 ZETEX-ZXLD1320 Datasheet
376Kb / 18P
Buck mode DC-DC converter for LED driving with 1.5A output and current control
logo
KODENSHI_AUK CORP.
SMK730F KODENSHI-SMK730F Datasheet
546Kb / 8P
DC-DC CONVERTER APPLICATION
logo
shenzhen wanhexing Elec...
AO4496 WHXPCB-AO4496 Datasheet
2Mb / 5P
DC-DC converter application
logo
KODENSHI_AUK CORP.
SMK630D-DATASHEET KODENSHI-SMK630D-DATASHEET Datasheet
410Kb / 8P
DC-DC CONVERTER APPLICATION
SMK1625D2-1 KODENSHI-SMK1625D2-1 Datasheet
405Kb / 8P
DC-DC CONVERTER APPLICATION
SMK1820D-1 KODENSHI-SMK1820D-1 Datasheet
371Kb / 8P
DC-DC CONVERTER APPLICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com