Electronic Components Datasheet Search
  English  ▼

X  

HDF4802S3 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF4802S3
Description  IF filter for DSB receivers with two channels Constant group delay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF4802S3 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF4802S3 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF4802S3 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF4802S3 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF4802S3 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF4802S3 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF4802S3 Datasheet HTML 6Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SAW FILTER
HDF480-2
S3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 6
Characteristics of channel
2
Characteristic
min
typ
max
unit
Insertion
attenuation
α
23
dB
Reference level for the following data
Relative attenuation
470.50MHz
4.5
dB
488.50MHz
4.5
dB
Lower sidelobe
430.00-452.00MHz
34.0
dB
Upper sidelobe
507.50-530.00MHz
34.0
dB
Reflected wave signal suppression
0.13us-2.0us after main pulse
40.0
44.0
dB
Feedthrough signal suppression
0.30us-0.20us before mainpulse
44.0
dB
Group
delay
Dτ
Group delay ripple
470.50-488.50MHz
11
18
ns
Impedance at 479.50 MHz
Output
Zout=Rout||Cout
130||3.3
Ω||pF
Temperature coefficient of frequency
TCf
-86
ppm/K
4 Frequency Characteristics



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com