Electronic Components Datasheet Search
  English  ▼

X  

TP2522 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TP2522
Description  P-Channel Enhancement-Mode Vertical DMOS FET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2522 Datasheet(HTML) 4 Page - Supertex, Inc

  TP2522_13 Datasheet HTML 1Page - Supertex, Inc TP2522_13 Datasheet HTML 2Page - Supertex, Inc TP2522_13 Datasheet HTML 3Page - Supertex, Inc TP2522_13 Datasheet HTML 4Page - Supertex, Inc TP2522_13 Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Supertex inc.
www.supertex.com
Doc.# DSFP-TP2522
C081413
TP2522
Typical Performance Curves (cont.)
Output Characteristics
-2.5
-2.0
-1.5
-1.0
-0.5
0
Saturation Characteristics
-2.0
-1.6
-1.2
-0.8
-0.4
0
Maximum Rated Safe Operating Area
-1.0
-10
-100
-1000
-10
-1.0
-0.1
-0.01
Thermal Response Characteristics
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1.0
10
Transconductance vs. Drain Current
1.0
0.8
0.6
0.4
0.2
0
0
-0.4
-0.8
-1.2
-1.6
-2.0
Power Dissipation vs. Ambient Temperature
0
25
50
75
100
125
150
2.0
1.0
0
0
-10
-20
-30
-40
-50
V
GS = -10V
-4V
-3V
0
-2.0
-4.0
-6.0
-8.0
-10
-6V
-6V
-8V
-4V
-8V
TO-243AA (DC)
-3V
TO-243AA
V
DS (volts)
V
DS (volts)
V
DS (volts)
t
p(seconds)
TO-243AA (pulsed)
T
A (
O
C)
I
D (amperes)
T
A = 25
O
C
TO-243AA
T
A = 25
O
C
P
D = 1.6W
V
GS = -10V
V
DS = -25V
T
A = -55
O
C
25OC
125OC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com